Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-111196-0 Datasheet(PDF) 44 Page - Tyco Electronics

Part # 3-111196-0
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-111196-0 Datasheet(HTML) 44 Page - Tyco Electronics

Back Button 3-111196-0 Datasheet HTML 40Page - Tyco Electronics 3-111196-0 Datasheet HTML 41Page - Tyco Electronics 3-111196-0 Datasheet HTML 42Page - Tyco Electronics 3-111196-0 Datasheet HTML 43Page - Tyco Electronics 3-111196-0 Datasheet HTML 44Page - Tyco Electronics 3-111196-0 Datasheet HTML 45Page - Tyco Electronics 3-111196-0 Datasheet HTML 46Page - Tyco Electronics 3-111196-0 Datasheet HTML 47Page - Tyco Electronics 3-111196-0 Datasheet HTML 48Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
44
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Micro-MaTch Miniature Connector System Lead Assembly
Micro-MaTch Miniature Connector System Sample Box
It is possible to deliver
custom made Micro-MaTch
lead assemblies, both cable
end assemblies and daisy-
chain assemblies,
in all positions between
4 and 20 in all required
cable lengths. All leads are
100% electrically tested on
shortcut and connection
before shipment. A flexible
7 stranded cable is used for
easy assembly. Special
cable on request. For order
information contact TE.
Sample Box
Part Number 1377074-1
This box includes samples
of all connector types within
the Micro-MaTch family,
examples of leads, printed
circuit boards and a
CD-ROM. The CD-ROM
includes an electronic
version of this catalogue, an
animation of the contact
principle and CAD files of
all connector types.
This sample box is an aid
in visualizing the variety
of applications where
Micro-MaTch can be
implemented.


Similar Part No. - 3-111196-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-111196-0 MACOM-3-111196-0 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
3-111196-0 MACOM-3-111196-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
3-111196-0 MACOM-3-111196-0 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 3-111196-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com