Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-111196-8 Datasheet(PDF) 58 Page - Tyco Electronics

Part # 2-111196-8
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-8 Datasheet(HTML) 58 Page - Tyco Electronics

Back Button 2-111196-8 Datasheet HTML 54Page - Tyco Electronics 2-111196-8 Datasheet HTML 55Page - Tyco Electronics 2-111196-8 Datasheet HTML 56Page - Tyco Electronics 2-111196-8 Datasheet HTML 57Page - Tyco Electronics 2-111196-8 Datasheet HTML 58Page - Tyco Electronics 2-111196-8 Datasheet HTML 59Page - Tyco Electronics 2-111196-8 Datasheet HTML 60Page - Tyco Electronics 2-111196-8 Datasheet HTML 61Page - Tyco Electronics 2-111196-8 Datasheet HTML 62Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 100 page
background image
58
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
DIP Plugs, .100 x .100 [2.54 x 2.54] Centers
Housing Assembly with
Cover (Preassembled)
Material and Finish
Housing and Cover — Black
thermoplastic, UL 94V-0 rated
Contacts — Phosphor bronze, plated
.000005 [0.000127] min. gold in termi-
nation area, .000100 [0.00254] min. tin
on solder tails, both over .000050
[0.00127] nickel on entire contact
Contact Design — Flat, tuning fork
style IDC
Related Product Data
Application Tooling — pages 70-74
Technical Documents
Product Specification
108-1538 DIP Plug
Instruction Sheets
Instructional material covering operation,
setup, maintenance, repair, etc. is included
with each machine, tool or die set. If this
material is required prior to receiving
your tooling, call TE at the numbers listed
below for the applicable documents.
Mateable Connectors —
For Connectors without Retention
Legs — .100 x .100 DIP Sockets
C
.100
[2.54]
.035
[0.89]
Dia.
(After Plating)
*Height of connector after
termination is .253 [6.43] ref.
.278
[7.06]
.396*
[10.06]
.013
[0.33]
.113
[2.87]
.156
[3.96]
.019
[0.48]
B
C
C
A
A
.050
[1.27]
.050
[1.27]
.050
[1.27]
.100
[2.54]
No. of
Dimensions
DIP Plugs
With Retention
Pos.
ABC
(Preassembled)
Legs
.450
.680
.400
10
11.43
17.27
10.16
2-746610-1
1-111382-4
.650
.880
.600
14
16.51
22.35
15.24
2-746610-2
.750
.980
.700
16
19.05
24.89
17.78
1-746610-4
1-111382-6
.950
1.180
.900
20
24.13
29.97
22.86
1-746610-5
1-111382-7
1.150
1.380
1.100
24
29.21
35.05
27.94
2-746610-3
1.250
1.480
1.200
26
31.75
37.59
30.48
1-746610-6
1-111382-8
1.450
1.680
1.400
30
36.83
42.67
35.56
1-746610-7
1.650
1.880
1.600
34
41.91
47.75
40.64
1-746610-8
1-111382-9
1.950
2.180
1.900
40
49.53
55.37
48.26
1-746610-9
2.150
2.380
2.100
44
54.61
60.45
53.34
2-746610-6
2.450
2.680
2.400
50
62.23
68.07
60.96
2-746610-0
2-111382-0
2.950
3.180
2.900
60
74.93
80.77
73.66
2-746610-4
3.150
3.380
3.100
64
80.01
85.85
78.74
2-746610-5
Notes: All plug kits include a housing assembly and cover (preassembled).
All part numbers are RoHS compliant.
PCB Layout
.100
[2.54]
.100
[2.54]
.100
[2.54]


Similar Part No. - 2-111196-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111196-8 MACOM-2-111196-8 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-8 MACOM-2-111196-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-8 MACOM-2-111196-8 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 2-111196-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com