Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2531LQ2570E Datasheet(PDF) 11 Page - Texas Instruments

Part # LMX2531LQ2570E
Description  LMX2531 High Performance Frequency Synthesizer System with Integrated VCO
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMX2531LQ2570E Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMX2531LQ2570E Datasheet HTML 7Page - Texas Instruments LMX2531LQ2570E Datasheet HTML 8Page - Texas Instruments LMX2531LQ2570E Datasheet HTML 9Page - Texas Instruments LMX2531LQ2570E Datasheet HTML 10Page - Texas Instruments LMX2531LQ2570E Datasheet HTML 11Page - Texas Instruments LMX2531LQ2570E Datasheet HTML 12Page - Texas Instruments LMX2531LQ2570E Datasheet HTML 13Page - Texas Instruments LMX2531LQ2570E Datasheet HTML 14Page - Texas Instruments LMX2531LQ2570E Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
LMX2531
www.ti.com
SNAS252R – OCTOBER 2005 – REVISED FEBRUARY 2013
Electrical Characteristics (continued)
(VCC = 3.0 V, -40°C ≤ TA ≤ 85 °C; except as specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
10 kHz Offset
-96
100 kHz Offset
-122
fFout = 1515 MHz
DIV2 = 0
1 MHz Offset
-142
5 MHz Offset
-153
Phase Noise
L(f)Fout
dBc/Hz
(LMX2531LQ1515E)
10 kHz Offset
-99
100 kHz Offset
-125
fFout = 757.5 MHz
DIV2 = 1
1 MHz Offset
-145
5 MHz Offset
-154
10 kHz Offset
-93
100 kHz Offset
-118
fFout = 1583 MHz
DIV2 = 0
1 MHz Offset
-140
5 MHz Offset
-154
Phase Noise
L(f)Fout
dBc/Hz
(LMX2531LQ1570E)
10 kHz Offset
-99
100 kHz Offset
-122
fFout = 791.5 MHz
DIV2 = 1
1 MHz Offset
-144
5 MHz Offset
-155
10 kHz Offset
-93
100 kHz Offset
-118
fFout = 1645 MHz
DIV2 = 0
1 MHz Offset
-140
5 MHz Offset
-154
Phase Noise
L(f)Fout
dBc/Hz
(LMX2531LQ1650E)
10 kHz Offset
-99
100 kHz Offset
-122
fFout = 822.5 MHz
DIV2 = 1
1 MHz Offset
-144
5 MHz Offset
-155
10 kHz Offset
-92
100 kHz Offset
-117
fFout = 1716 MHz
DIV2 = 0
1 MHz Offset
-139
5 MHz Offset
-153
Phase Noise
L(f)Fout
dBc/Hz
(LMX2531LQ1700E)
10 kHz Offset
-98
100 kHz Offset
-122
fFout = 858 MHz
DIV2 = 1
1 MHz Offset
-144
5 MHz Offset
-154
10 kHz Offset
-92
100 kHz Offset
-117
fFout= 1813 MHz
DIV2 = 0
1 MHz Offset
-140
5 MHz Offset
-152
Phase Noise
L(f)Fout
dBc/Hz
(LMX2531LQ1742)
10 kHz Offset
-99
100 kHz Offset
-122
fFout = 906.5 MHz
DIV2 = 1
1 MHz Offset
-143
5 MHz Offset
-152
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMX2531


Similar Part No. - LMX2531LQ2570E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531LQ2570E NSC-LMX2531LQ2570E Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2531LQ2570E TI1-LMX2531LQ2570E Datasheet
1Mb / 48P
[Old version datasheet]   High-Performance Frequency Synthesizer System
LMX2531LQ2570E/NOPB TI1-LMX2531LQ2570E/NOPB Datasheet
1Mb / 48P
[Old version datasheet]   High-Performance Frequency Synthesizer System
More results

Similar Description - LMX2531LQ2570E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531 NSC-LMX2531 Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
ACS1790T SEMTECH-ACS1790T Datasheet
1Mb / 48P
   PLL Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2531 TI1-LMX2531_14 Datasheet
1Mb / 48P
[Old version datasheet]   High-Performance Frequency Synthesizer System
logo
National Semiconductor ...
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
   PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com