Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2531LQ1500E Datasheet(PDF) 3 Page - Texas Instruments

Part # LMX2531LQ1500E
Description  LMX2531 High Performance Frequency Synthesizer System with Integrated VCO
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMX2531LQ1500E Datasheet(HTML) 3 Page - Texas Instruments

  LMX2531LQ1500E Datasheet HTML 1Page - Texas Instruments LMX2531LQ1500E Datasheet HTML 2Page - Texas Instruments LMX2531LQ1500E Datasheet HTML 3Page - Texas Instruments LMX2531LQ1500E Datasheet HTML 4Page - Texas Instruments LMX2531LQ1500E Datasheet HTML 5Page - Texas Instruments LMX2531LQ1500E Datasheet HTML 6Page - Texas Instruments LMX2531LQ1500E Datasheet HTML 7Page - Texas Instruments LMX2531LQ1500E Datasheet HTML 8Page - Texas Instruments LMX2531LQ1500E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
VCCDIG
VregBUF
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
10
11
12
13
14
15
16
17
18
1
2
3
4
5
6
7
8
9
NC
GND
DATA
CLK
Fout
GND
GND
VCCBUF
Vtune
CPout
FLout
VregPLL1
VCCPLL
NC
GND
GND
NC
NC
NC
LMX2531
www.ti.com
SNAS252R – OCTOBER 2005 – REVISED FEBRUARY 2013
Figure 2. 36-Pin WQFN Package, A Version
(All Other Versions)
PIN DESCRIPTIONS
Pin #
Pin Name
I/O
Description
Power Supply for digital LDO circuitry. Input may range from 2.8 - 3.2 V. Bypass capacitors should be
1
VccDIG
-
placed as close as possible to this pin and ground.
3
GND
-
Ground
2,4,5,7,
12, 13,
NC
-
No Connect.
29, 35
6
VregBUF
-
Internally regulated voltage for the VCO buffer circuitry. Connect to ground with a capacitor.
MICROWIRE serial data input. High impedance CMOS input. This pin must not exceed 2.75V. Data is
8
DATA
I
clocked in MSB first. The last bits clocked in form the control or register select bits.
MICROWIRE clock input. High impedance CMOS input. This pin must not exceed 2.75V. Data is clocked
9
CLK
I
into the shift register on the rising edge.
MICROWIRE Latch Enable input. High impedance CMOS input. This pin must not exceed 2.75V. Data
10
LE
I
stored in the shift register is loaded into the selected latch register when LE goes HIGH.
Chip Enable Input. High impedance CMOS input. This pin must not exceed 2.75V. When CE is brought
high the LMX2531 is powered up corresponding to the internal power control bits. Although the part can be
11
CE
I
programmed when powered down, it is still necessary to reprogram the R0 register to get the part to re-
lock.
14, 15
NC
-
No Connect. Do NOT ground.
Power Supply for VCO regulator circuitry. Input may range from 2.8 - 3.2 V. Bypass capacitors should be
16
VccVCO
-
placed as close as possible to this pin and ground.
Internally regulated voltage for VCO circuitry. Not intended to drive an external load. Connect to ground
17
VregVCO
-
with a capacitor and some series resistance.
Internal reference voltage for VCO LDO. Not intended to drive an external load. Connect to ground with a
18
VrefVCO
-
capacitor.
19
GND
-
Ground for the VCO circuitry.
20
GND
-
Ground for the VCO Output Buffer circuitry.
21
Fout
O
Buffered RF Output for the VCO.
Power Supply for the VCO Buffer circuitry. Input may range from 2.8 - 3.2 V. Bypass capacitors should be
22
VccBUF
-
placed as close as possible to this pin and ground.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMX2531


Similar Part No. - LMX2531LQ1500E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2531LQ1500E TI1-LMX2531LQ1500E Datasheet
1Mb / 48P
[Old version datasheet]   High-Performance Frequency Synthesizer System
LMX2531LQ1500E/NOPB TI1-LMX2531LQ1500E/NOPB Datasheet
1Mb / 48P
[Old version datasheet]   High-Performance Frequency Synthesizer System
logo
National Semiconductor ...
LMX2531LQ1500EX NSC-LMX2531LQ1500EX Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
More results

Similar Description - LMX2531LQ1500E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531 NSC-LMX2531 Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
ACS1790T SEMTECH-ACS1790T Datasheet
1Mb / 48P
   PLL Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2531 TI1-LMX2531_14 Datasheet
1Mb / 48P
[Old version datasheet]   High-Performance Frequency Synthesizer System
logo
National Semiconductor ...
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
   PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com