Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0046MHX Datasheet(PDF) 7 Page - Texas Instruments

Part # LMH0046MHX
Description  LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0046MHX Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH0046MHX Datasheet HTML 3Page - Texas Instruments LMH0046MHX Datasheet HTML 4Page - Texas Instruments LMH0046MHX Datasheet HTML 5Page - Texas Instruments LMH0046MHX Datasheet HTML 6Page - Texas Instruments LMH0046MHX Datasheet HTML 7Page - Texas Instruments LMH0046MHX Datasheet HTML 8Page - Texas Instruments LMH0046MHX Datasheet HTML 9Page - Texas Instruments LMH0046MHX Datasheet HTML 10Page - Texas Instruments LMH0046MHX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LMH0046
www.ti.com
SNLS222F – APRIL 2006 – REVISED APRIL 2013
AC Electrical Characteristics (continued)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.
(1)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
FCO
Serial Clock Output
143 Mbps data rate
SCO
143
MHz
Frequency
FCO
Serial Clock Output
270 Mbps data rate
270
MHz
Frequency
FCO
Serial Clock Output
1483 Mbps data rate
1483
MHz
Frequency
FCO
Serial Clock Output
1485 Mbps data rate
1485
MHz
Frequency
tJIT
Serial Clock Output Jitter
2
3
psRMS
Serial Clock Output
SDO, SCO
Alignment with respect to
40
60
%
Data Interval
Serial Clock Output Duty
SCO
45
55
%
Cycle
TACQ
Acquisition Time
Auto-Rate Detect Mode(8)(9)
10
16
ms
Fixed Rate Mode(8)(9)
1
6
ms
tr, tf
Input rise/fall time
10%–90%
Logic inputs
1.5
3
ns
tr, tf
Input rise/fall time
20%–80%, 143 or 270 Mbps
SDI
1500
ps
tr, tf
Input rise/fall time
20%–80%, 1483 or 1485
270
ps
Mbps
tr, tf
Output rise/fall time
10%–90%
Logic outputs
1.5
3
ns
tr, tf
Output rise/fall time
20%–80%(10)
SDO, SCO
90
130
ps
FREF
Reference Clock
27
MHz
Frequency
FTOL
Reference Clock
±50
ppm
Frequency Tolerance
(8)
Spec is ensured by design.
(9)
Measured from first SDI transition until Lock Detect (LD) output goes high (true).
(10) RL = 100Ω differential.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH0046


Similar Part No. - LMH0046MHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0046MHX/NOPB TI1-LMH0046MHX/NOPB Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
More results

Similar Description - LMH0046MHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0346 TI1-LMH0346 Datasheet
883Kb / 23P
[Old version datasheet]   HD/SD SDI Reclocker with Dual Differential Outputs
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346 NSC-LMH0346_09 Datasheet
374Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0346 TI1-LMH0346_14 Datasheet
882Kb / 24P
[Old version datasheet]   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
National Semiconductor ...
LMH0346_0808 NSC-LMH0346_0808 Datasheet
337Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0026 NSC-LMH0026 Datasheet
313Kb / 12P
   SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0026 TI1-LMH0026 Datasheet
239Kb / 15P
[Old version datasheet]   SD SDI Reclocker with Dual Differential Outputs
logo
Gennum Corporation
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
   HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com