Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-120521-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1-120521-2
Description  RECEPTACLE ASSY, 1.0mm FH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-120521-2 Datasheet(HTML) 1 Page - Tyco Electronics

  1-120521-2 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1-120521-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-120521-2 TEC-1-120521-2 Datasheet
327Kb / 1P
   RECEPTACLE ASSY, 1.0mm FH(IEEE1386) CONNECTOR
1-120521-2 TEC-1-120521-2 Datasheet
326Kb / 1P
   RECEPTACLE ASSY, 1.0mm (IEEE1386) CONNECTOR
REV K
More results

Similar Description - 1-120521-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-120521 TEC-C-120521 Datasheet
327Kb / 1P
   RECEPTACLE ASSY, 1.0mm FH(IEEE1386) CONNECTOR
logo
Tyco Electronics
5120603-1 MACOM-5120603-1 Datasheet
217Kb / 1P
   RECEPTACLE ASSY, 1.0mm FH(IEEE1386) CONNECTOR
logo
TE Connectivity Ltd
C-120603 TEC-C-120603 Datasheet
325Kb / 1P
   RECEPTACLE ASSY, 1.0mm FH CONNECTOR (IEEE1386)
logo
Tyco Electronics
5120524-1 MACOM-5120524-1 Datasheet
189Kb / 1P
   RCPT ASSY, 1.0mm FH(IEEE1386) CONNECTOR
logo
TE Connectivity Ltd
C-120523 TEC-C-120523 Datasheet
318Kb / 1P
   RCPT ASSY, 1.0mm FH(IEEE1386) CONNECTOR
C-120525 TEC-C-120525 Datasheet
257Kb / 1P
   PLUG ASSY,1.0mm FH(IEEE1386) CONNECTOR
C-120526 TEC-C-120526 Datasheet
256Kb / 1P
   PLUG ASSY, 1.0mm FH(IEEE1386) CONNECTOR
C-120527 TEC-C-120527 Datasheet
255Kb / 1P
   PLUG ASSY, 1.0mm FH(IEEE 1386) CONNECTOR
C-2007042 TEC-C-2007042 Datasheet
303Kb / 1P
   RECEPTACLE ASSY, W/ VACUUM COVER, 1.0mm FH(IEEE 1386) CONNECTOR
C-146894 TEC-C-146894 Datasheet
333Kb / 1P
   RECEPTACLE ASSY, W/VACUUM COVER, 1.0mm FH(IEEE 1386) CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com