Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ7.0A Datasheet(PDF) 3 Page - Formosa MS

Part # SMCJ7.0A
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMCJ7.0A Datasheet(HTML) 3 Page - Formosa MS

  SMCJ7.0A Datasheet HTML 1Page - Formosa MS SMCJ7.0A Datasheet HTML 2Page - Formosa MS SMCJ7.0A Datasheet HTML 3Page - Formosa MS SMCJ7.0A Datasheet HTML 4Page - Formosa MS SMCJ7.0A Datasheet HTML 5Page - Formosa MS SMCJ7.0A Datasheet HTML 6Page - Formosa MS SMCJ7.0A Datasheet HTML 7Page - Formosa MS SMCJ7.0A Datasheet HTML 8Page - Formosa MS SMCJ7.0A Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
01
23
212423
53
25.&767"$,896:8857;:'<=8:957:>/
1
5
B [B5
\]^`abcde
fcghij
g
bkf\lmmafddia
An5 B
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMCJ5.0
SMCJ5.0A
SMCJ6.0
SMCJ6.0A
SMCJ5.0C
SMCJ5.0CA
SMCJ6.0C
SMCJ6.0CA
GDD
GDE
GDF
GDG
BDD
BDE
BDF
BDG
5.0
5.0
6.0
6.0
6.40
6.40
6.67
6.67
7.55
7.25
8.45
7.67
10.0
10.0
10.0
10.0
9.6
9.2
11.4
10.3
156.3
163.0
131.6
145.6
800.0
800.0
800.0
800.0
SMCJ6.5
SMCJ6.5A
SMCJ7.0
SMCJ7.0A
SMCJ6.5C
SMCJ6.5CA
SMCJ7.0C
SMCJ7.0CA
GDH
GDK
GDL
GDM
BDH
BDK
BDL
BDM
6.5
6.5
7.0
7.0
7.22
7.22
7.78
7.78
9.14
8.30
9.86
8.95
10.0
10.0
10.0
10.0
12.3
11.2
13.3
12.0
122.0
133.9
112.8
125.0
500.0
500.0
200.0
200.0
SMCJ7.5
SMCJ7.5A
SMCJ8.0
SMCJ8.0A
SMCJ7.5C
SMCJ7.5CA
SMCJ8.0C
SMCJ8.0CA
GDN
GDP
GDQ
GDR
BDN
BDP
BDQ
BDR
7.5
7.5
8.0
8.0
8.33
8.33
8.89
8.89
10.67
9.58
11.3
10.23
1.0
1.0
1.0
1.0
14.3
12.9
15.0
13.6
104.9
116.3
100.0
110.3
100.0
100.0
50.0
50.0
SMCJ8.5
SMCJ8.5A
SMCJ9.0
SMCJ9.0A
SMCJ8.5C
SMCJ8.5CA
SMCJ9.0C
SMCJ9.0CA
GDS
GDT
GDU
GDV
BDS
BDT
BDU
BDV
8.5
8.5
9.0
9.0
9.44
9.44
10.0
10.0
11.92
10.82
12.6
11.5
1.0
1.0
1.0
1.0
15.9
14.4
16.9
15.4
94.3
104.2
88.8
97.4
20.0
20.0
10.0
10.0
SMCJ10
SMCJ10A
SMCJ11
SMCJ11A
SMCJ10C
SMCJ10CA
SMCJ11C
SMCJ11CA
GDW
GDX
GDY
GDZ
BDW
BDX
BDY
BDZ
10
10
11
11
11.1
11.1
12.2
12.2
14.1
12.8
15.4
14.0
1.0
1.0
1.0
1.0
18.8
17.0
20.1
18.2
79.8
88.2
74.6
82.4
5.0
5.0
5.0
5.0
SMCJ12
SMCJ12A
SMCJ13
SMCJ13A
SMCJ12C
SMCJ12CA
SMCJ13C
SMCJ13CA
GED
GEE
GEF
GEG
BED
BEE
BEF
BEG
12
12
13
13
13.3
13.3
14.4
14.4
16.9
15.3
18.2
16.5
1.0
1.0
1.0
1.0
22.0
19.9
23.8
21.5
68.2
75.4
63.0
69.8
5.0
5.0
5.0
5.0
SMCJ14
SMCJ14A
SMCJ15
SMCJ15A
SMCJ14C
SMCJ14CA
SMCJ15C
SMCJ15CA
GEH
GEK
GEL
GEM
BEH
BEK
BEL
BEM
14
14
15
15
15.6
15.6
16.7
16.7
19.8
17.9
21.1
19.2
1.0
1.0
1.0
1.0
25.8
23.2
26.9
24.4
58.1
64.7
55.8
61.5
5.0
5.0
5.0
5.0
SMCJ16
SMCJ16A
SMCJ17
SMCJ17A
SMCJ16C
SMCJ16CA
SMCJ17C
SMCJ17CA
GEN
GEP
GEQ
GER
BEN
BEP
BEQ
BER
16
16
17
17
17.8
17.8
18.9
18.9
22.6
20.5
23.9
21.7
1.0
1.0
1.0
1.0
28.8
26.0
30.5
27.6
52.1
57.7
49.2
54.3
5.0
5.0
5.0
5.0
SMCJ18
SMCJ18A
SMCJ20
SMCJ20A
SMCJ18C
SMCJ18CA
SMCJ20C
SMCJ20CA
GES
GET
GEU
GEV
BES
BET
BEU
BEV
18
18
20
20
20.0
20.0
22.2
22.2
25.3
23.3
28.1
25.5
1.0
1.0
1.0
1.0
32.2
29.2
35.8
32.4
46.6
51.4
41.9
46.3
5.0
5.0
5.0
5.0
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
Page 3
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMCJ7.0A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ7.0A DCCOM-SMCJ7.0A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCJ7.0A MICROSEMI-SMCJ7.0A Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMCJ7.0A VISHAY-SMCJ7.0A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
logo
HY ELECTRONIC CORP.
SMCJ7.0A HY-SMCJ7.0A Datasheet
589Kb / 5P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
First Components Intern...
SMCJ7.0A FCI-SMCJ7.0A Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMCJ7.0A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com