Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1608C0G1H680J(080AA) Datasheet(PDF) 5 Page - TDK Electronics

Part # C1608C0G1H680J(080AA)
Description  Multilayer Ceramic Chip Capacitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1608C0G1H680J(080AA) Datasheet(HTML) 5 Page - TDK Electronics

  C1608C0G1H680J(080AA) Datasheet HTML 1Page - TDK Electronics C1608C0G1H680J(080AA) Datasheet HTML 2Page - TDK Electronics C1608C0G1H680J(080AA) Datasheet HTML 3Page - TDK Electronics C1608C0G1H680J(080AA) Datasheet HTML 4Page - TDK Electronics C1608C0G1H680J(080AA) Datasheet HTML 5Page - TDK Electronics C1608C0G1H680J(080AA) Datasheet HTML 6Page - TDK Electronics C1608C0G1H680J(080AA) Datasheet HTML 7Page - TDK Electronics C1608C0G1H680J(080AA) Datasheet HTML 8Page - TDK Electronics C1608C0G1H680J(080AA) Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
(4/30)
007-02 / 20110907 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION)
TEMPERATURE CHARACTERISTICS: C0G(0±30ppm/°C)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
0.5pF
0402
0.20±0.02
±0.25pF
C0402C0G1C0R5C(020BA)
0603
0.30±0.03
±0.25pF
C0603C0G1H0R5C(030BA)
C0603C0G1E0R5C(030BA)
1005
0.50±0.05
±0.1pF
C1005C0G1H0R5B(050BA)
±0.25pF
C1005C0G1H0R5C(050BA)
1608
0.80±0.10
±0.25pF
C1608C0G1H0R5C(080AA)
0.75pF
0402
0.20±0.02
±0.25pF
C0402C0G1CR75C(020BA)
0603
0.30±0.03
±0.25pF
C0603C0G1HR75C(030BA)
C0603C0G1ER75C(030BA)
1005
0.50±0.05
±0.1pF
C1005C0G1HR75B(050BA)
±0.25pF
C1005C0G1HR75C(050BA)
1608
0.80±0.10
±0.25pF
C1608C0G1HR75C(080AA)
1pF
0402
0.20±0.02
±0.25pF
C0402C0G1C010C(020BA)
0603
0.30±0.03
±0.25pF
C0603C0G1H010C(030BA)
C0603C0G1E010C(030BA)
1005
0.50±0.05
±0.1pF
C1005C0G1H010B(050BA)
±0.25pF
C1005C0G1H010C(050BA)
1608
0.80±0.10
±0.25pF
C1608C0G1H010C(080AA)
1.5pF
0402
0.20±0.02
±0.25pF
C0402C0G1C1R5C(020BA)
0603
0.30±0.03
±0.25pF
C0603C0G1H1R5C(030BA)
C0603C0G1E1R5C(030BA)
1005
0.50±0.05
±0.1pF
C1005C0G1H1R5B(050BA)
±0.25pF
C1005C0G1H1R5C(050BA)
1608
0.80±0.10
±0.25pF
C1608C0G1H1R5C(080AA)
2pF
0402
0.20±0.02
±0.25pF
C0402C0G1C020C(020BA)
0603
0.30±0.03
±0.25pF
C0603C0G1H020C(030BA)
C0603C0G1E020C(030BA)
1005
0.50±0.05
±0.1pF
C1005C0G1H020B(050BA)
±0.25pF
C1005C0G1H020C(050BA)
1608
0.80±0.10
±0.25pF
C1608C0G1H020C(080AA)
3pF
0402
0.20±0.02
±0.25pF
C0402C0G1C030C(020BA)
0603
0.30±0.03
±0.25pF
C0603C0G1H030C(030BA)
C0603C0G1E030C(030BA)
1005
0.50±0.05
±0.1pF
C1005C0G1H030B(050BA)
±0.25pF
C1005C0G1H030C(050BA)
1608
0.80±0.10
±0.25pF
C1608C0G1H030C(080AA)
4pF
0402
0.20±0.02
±0.25pF
C0402C0G1C040C(020BA)
0603
0.30±0.03
±0.25pF
C0603C0G1H040C(030BA)
C0603C0G1E040C(030BA)
1005
0.50±0.05
±0.1pF
C1005C0G1H040B(050BA)
±0.25pF
C1005C0G1H040C(050BA)
1608
0.80±0.10
±0.25pF
C1608C0G1H040C(080AA)
5pF
0402
0.20±0.02
±0.25pF
C0402C0G1C050C(020BA)
0603
0.30±0.03
±0.25pF
C0603C0G1H050C(030BA)
C0603C0G1E050C(030BA)
1005
0.50±0.05
±0.1pF
C1005C0G1H050B(050BA)
±0.25pF
C1005C0G1H050C(050BA)
1608
0.80±0.10
±0.25pF
C1608C0G1H050C(080AA)
6pF
0402
0.20±0.02
±0.5pF
C0402C0G1C060D(020BA)
0603
0.30±0.03
±0.5pF
C0603C0G1H060D(030BA)
C0603C0G1E060D(030BA)
1005
0.50±0.05
±0.25pF
C1005C0G1H060C(050BA)
±0.5pF
C1005C0G1H060D(050BA)
1608
0.80±0.10
±0.25pF
C1608C0G1H060C(080AA)
±0.5pF
C1608C0G1H060D(080AA)
7pF
0402
0.20±0.02
±0.5pF
C0402C0G1C070D(020BA)
0603
0.30±0.03
±0.5pF
C0603C0G1H070D(030BA)
C0603C0G1E070D(030BA)
1005
0.50±0.05
±0.25pF
C1005C0G1H070C(050BA)
±0.5pF
C1005C0G1H070D(050BA)
1608
0.80±0.10
±0.25pF
C1608C0G1H070C(080AA)
±0.5pF
C1608C0G1H070D(080AA)
8pF
0402
0.20±0.02
±0.5pF
C0402C0G1C080D(020BA)
0603
0.30±0.03
±0.5pF
C0603C0G1H080D(030BA)
C0603C0G1E080D(030BA)
1005
0.50±0.05
±0.25pF
C1005C0G1H080C(050BA)
±0.5pF
C1005C0G1H080D(050BA)
1608
0.80±0.10
±0.25pF
C1608C0G1H080C(080AA)
±0.5pF
C1608C0G1H080D(080AA)
9pF
0402
0.20±0.02
±0.5pF
C0402C0G1C090D(020BA)
0603
0.30±0.03
±0.5pF
C0603C0G1H090D(030BA)
C0603C0G1E090D(030BA)
1005
0.50±0.05
±0.25pF
C1005C0G1H090C(050BA)
±0.5pF
C1005C0G1H090D(050BA)
1608
0.80±0.10
±0.25pF
C1608C0G1H090C(080AA)
±0.5pF
C1608C0G1H090D(080AA)


Similar Part No. - C1608C0G1H680J(080AA)

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608C0G1H680J TDK-C1608C0G1H680J Datasheet
190Kb / 7P
   Ceramic Capacitors For General Use SMD
C1608C0G1H680J TDK-C1608C0G1H680J Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
C1608C0G1H680J TDK-C1608C0G1H680J Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C1608C0G1H680J080AA TDK-C1608C0G1H680J080AA Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C1608C0G1H680J080AA TDK-C1608C0G1H680J080AA Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C1608C0G1H680J(080AA)

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com