Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5230PAP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBSS5230PAP
Description  30 V, 2 A PNP/PNP low VCEsat (BISS) transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS5230PAP Datasheet(HTML) 3 Page - NXP Semiconductors

  PBSS5230PAP Datasheet HTML 1Page - NXP Semiconductors PBSS5230PAP Datasheet HTML 2Page - NXP Semiconductors PBSS5230PAP Datasheet HTML 3Page - NXP Semiconductors PBSS5230PAP Datasheet HTML 4Page - NXP Semiconductors PBSS5230PAP Datasheet HTML 5Page - NXP Semiconductors PBSS5230PAP Datasheet HTML 6Page - NXP Semiconductors PBSS5230PAP Datasheet HTML 7Page - NXP Semiconductors PBSS5230PAP Datasheet HTML 8Page - NXP Semiconductors PBSS5230PAP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NXP Semiconductors
PBSS5230PAP
30 V, 2 A PNP/PNP low VCEsat (BISS) transistor
PBSS5230PAP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
11 January 2013
3 / 17
Symbol
Parameter
Conditions
Min
Max
Unit
IBM
peak base current
single pulse; tp ≤ 1 ms
-
-1
A
[1]
-
370
mW
[2]
-
570
mW
[3]
-
530
mW
[4]
-
700
mW
[5]
-
450
mW
[6]
-
760
mW
[7]
-
700
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[8]
-
1450
mW
Per device
[1]
-
510
mW
[2]
-
780
mW
[3]
-
730
mW
[4]
-
960
mW
[5]
-
620
mW
[6]
-
1040
mW
[7]
-
960
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[8]
-
2000
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 PCB, single-sided 35 µm copper strip line, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided 35 µm copper strip line, tin-plated, mounting pad for
collector 1 cm2.
[3] Device mounted on 4-layer PCB 35 µm copper strip line, tin-plated and standard footprint.
[4] Device mounted on 4-layer PCB 35 µm copper strip line, tin-plated, mounting pad for collector 1 cm2.
[5] Device mounted on an FR4 PCB, single-sided 70 µm copper strip line, tin-plated and standard footprint.
[6] Device mounted on an FR4 PCB, single-sided 70 µm copper strip line, tin-plated, mounting pad for
collector 1 cm2.
[7] Device mounted on 4-layer PCB 70 µm copper strip line, tin-plated and standard footprint.
[8] Device mounted on 4-layer PCB 70 µm copper strip line, tin-plated, mounting pad for collector 1 cm2.


Similar Part No. - PBSS5230PAP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5230PAP NEXPERIA-PBSS5230PAP Datasheet
751Kb / 17P
   30 V, 2 A PNP/PNP low VCEsat (BISS) transistor
11 January 2013
More results

Similar Description - PBSS5230PAP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5230PAP NEXPERIA-PBSS5230PAP Datasheet
751Kb / 17P
   30 V, 2 A PNP/PNP low VCEsat (BISS) transistor
11 January 2013
logo
NXP Semiconductors
PBSS5230T PHILIPS-PBSS5230T Datasheet
55Kb / 7P
   30 V, 2 A PNP low VCEsat (BISS) transistor
2003 Dec 18
PBSS5230T PHILIPS-PBSS5230T_15 Datasheet
215Kb / 10P
   30 V, 2 A PNP low VCEsat (BISS) transistor
Rev. 2-4 June 2012
logo
Nexperia B.V. All right...
PBSS5230QA NEXPERIA-PBSS5230QA Datasheet
727Kb / 17P
   30 V, 2 A PNP low VCEsat (BISS) transistor
23 August 2013
logo
NXP Semiconductors
PBSS5230QA NXP-PBSS5230QA Datasheet
245Kb / 17P
   30 V, 2 A PNP low VCEsat (BISS) transistor
23 August 2013
logo
Nexperia B.V. All right...
PBSS5230T NEXPERIA-PBSS5230T Datasheet
463Kb / 11P
   30 V, 2 A PNP low VCEsat (BISS) transistor
Rev. 2 - 4 June 2012
PBSS4230PANP NEXPERIA-PBSS4230PANP Datasheet
854Kb / 21P
   30 V, 2 A NPN/PNP low VCEsat (BISS) transistor
14 December 2012
logo
NXP Semiconductors
PBSS5130PAP NXP-PBSS5130PAP Datasheet
253Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS4032SP NEXPERIA-PBSS4032SP Datasheet
837Kb / 15P
   30 V, 4.8 A PNP/PNP low VCEsat (BISS) transistor
PBSS5130PAP NEXPERIA-PBSS5130PAP Datasheet
750Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com