Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLFV25T-680K-EF Datasheet(PDF) 7 Page - TDK Electronics

Part # NLFV25T-680K-EF
Description  Inductors for Standard Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLFV25T-680K-EF Datasheet(HTML) 7 Page - TDK Electronics

  NLFV25T-680K-EF Datasheet HTML 1Page - TDK Electronics NLFV25T-680K-EF Datasheet HTML 2Page - TDK Electronics NLFV25T-680K-EF Datasheet HTML 3Page - TDK Electronics NLFV25T-680K-EF Datasheet HTML 4Page - TDK Electronics NLFV25T-680K-EF Datasheet HTML 5Page - TDK Electronics NLFV25T-680K-EF Datasheet HTML 6Page - TDK Electronics NLFV25T-680K-EF Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
(6/6)
001-03 / 20110928 / e511_nl_02
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
Rated current: Value obtained when current flows and the temperature has risen to 20°C or when DC current flows and the initial value of inductance has
fallen by 10%, whichever is smaller.
• Test equipment
L, Q: YHP4194A IMPEDANCE ANALYZER+YHP16085A+YHP16093B+TF-1, or equivalent
SRF:HP8753C NETWORK ANALYZER (Zin=Zout=50
Ω), or equivalent
Rdc:MATSUSHITA VP-2941A DIGITAL MILLIOHM METER, or equivalent
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
Inductance
(µH)
Inductance
tolerance
Q
ref.
Test frequency
L, Q (MHz)
Self-resonant frequency
(MHz)min.
DC resistance
(
Ω)±30%
Rated current
(mA)max.
Part No.
1
±20%
10
7.96
200
0.05
800
NLFC453232T-1R0M-PF
1.5
±20%
10
7.96
130
0.06
700
NLFC453232T-1R5M-PF
2.2
±20%
10
7.96
80
0.07
600
NLFC453232T-2R2M-PF
3.3
±20%
10
7.96
45
0.09
460
NLFC453232T-3R3M-PF
4.7
±20%
10
7.96
35
0.1
400
NLFC453232T-4R7M-PF
6.8
±20%
10
7.96
28
0.14
300
NLFC453232T-6R8M-PF
10
±10%
10
2.52
22
0.21
250
NLFC453232T-100K-PF
15
±10%
10
2.52
20
0.3
200
NLFC453232T-150K-PF
22
±10%
10
2.52
18
0.46
170
NLFC453232T-220K-PF
33
±10%
10
2.52
14
0.63
140
NLFC453232T-330K-PF
47
±10%
10
2.52
11.5
0.85
120
NLFC453232T-470K-PF
68
±10%
10
2.52
10
1.2
100
NLFC453232T-680K-PF
100
±10%
10
0.796
8
1.7
90
NLFC453232T-101K-PF
150
±10%
10
0.796
7
2.3
65
NLFC453232T-151K-PF
220
±10%
10
0.796
5.5
3.8
55
NLFC453232T-221K-PF
330
±10%
10
0.796
4
6
45
NLFC453232T-331K-PF
100
C0.5
R0.2
4.5
±0.3
3.2
±0.2
Terminal
electrode
(0.6)
2.6
±0.1
Weight: 180mg
Dimensions in mm
Inductor
Solder land pattern
3
1.5
1.5
1
3
DC current(mA)
10
100
300
30
3000
1000
10000
0.3
0.1
10
100
30
1000
300
330
µH
100
µH
47
µH
10
µH
4.7
µH
1
µH
A
L=5H C=20000µF
Test circuit
DC
Specimen
YHP model-4275A
or equivalent
1
3
Frequency(MHz)
0.1
1
3
0.3
30
10
100
0.1
0.03
0.01
10
0.3
100
30
330
µH
100
µH
47
µH
10
µH
4.7
µH
1
µH


Similar Part No. - NLFV25T-680K-EF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLFV25T-680K-EF TDK-NLFV25T-680K-EF Datasheet
201Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
More results

Similar Description - NLFV25T-680K-EF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25T-2R2J-PF TDK-NLV25T-2R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-R18J-PF TDK-NLV25T-R18J-PF Datasheet
197Kb / 15P
   Inductors for Standard Circuits
NLV25T-1R2J-PF TDK-NLV25T-1R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-470J-PF TDK-NLV25T-470J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-033J-PF TDK-NLV25T-033J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
MLF2012A2R2K TDK-MLF2012A2R2K Datasheet
123Kb / 10P
   Inductors for Standard Circuits
NLV25T-015J-PF TDK-NLV25T-015J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NLV25T-1R0J-PF TDK-NLV25T-1R0J-PF Datasheet
1Mb / 13P
   Inductors for Standard Circuits
NLV25 TDK-NLV25 Datasheet
2Mb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com