Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLT8340MG Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLT8340MG
Description  High Power Infrared Laserdiode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLT8340MG Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLT8340MG Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ROITHNER LASERTECHNIK
ROITHNER LASERTECHNIK
A-1040 VIENNA, SCHOENBRUNNER STRASSE 7, AUSTRIA
TEL: +43 -1- 586 52 43-0 FAX: +43 -1- 586 52 43-44
e-mail: office@roithner-laser.com
http://www.roithner-laser.com
RLT8340MG TECHNICAL DATA
High Power Infrared Laserdiode
Structure: AlGaAs double heterostructure
Lasing wavelength: 830 nm typ.
Max. optical power: 40 mW, single mode
Package: 5.6 mm
PIN CONNECTION:
1) Laserdiode cathode
2) Laserdiode anode and photodiode cathode
3) Photodiode anode
Maximum Ratings (Tc=25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Optical Output Power
Po
40
mW
LD Reverse Voltage
VR(LD)
2
V
PD Reverse Voltage
VR(PD)
30
V
Operating Temperature
Top
-10 .. +50
°C
Storage Temperature
Tstg
-40 .. +85
°C
Optical-Electrical Characteristics (Tc = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP MAX
UNIT
Threshold Current
Ith
cw
15
25
mA
Operation Current
Iop
Po = 40 mW
70
80
90
mA
Operation Voltage
Vop
Po = 40 mW
1.8
2.2
V
Lasing Wavelength
λ
p
Po = 40 mW
820
830
840
nm
Beam Divergence
θ
//
Po = 40 mW
8
10
11
°
Beam Divergence
θ
Po = 40 mW
25
31
40
°
Monitor Current
Im
Po = 40 mW, Vr=5V
400
600
800
µA
NOTE!
LASERDIODE
MUST BE COOLED!


Similar Part No. - RLT8340MG

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT830-1.5G ROITHNER-RLT830-1.5G Datasheet
198Kb / 3P
   High Power Infrared Laser Diode
RLT830-100MGS ROITHNER-RLT830-100MGS Datasheet
421Kb / 2P
   Infrared Laser Diode
RLT830-150GS ROITHNER-RLT830-150GS Datasheet
58Kb / 1P
   High Power Infrared Laser Diode
RLT830-150MGS ROITHNER-RLT830-150MGS Datasheet
422Kb / 2P
   Infrared Laser Diode
RLT830-200MGS ROITHNER-RLT830-200MGS Datasheet
422Kb / 2P
   Infrared Laser Diode
More results

Similar Description - RLT8340MG

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT808500G ROITHNER-RLT808500G Datasheet
57Kb / 1P
   High Power Infrared Laserdiode
RLT1550-15G ROITHNER-RLT1550-15G Datasheet
54Kb / 1P
   High Power Infrared Laserdiode
RLT1550-20G ROITHNER-RLT1550-20G Datasheet
54Kb / 1P
   High Power Infrared Laserdiode
RLT91500G ROITHNER-RLT91500G Datasheet
54Kb / 1P
   High Power Infrared Laserdiode
RLT8810MG ROITHNER-RLT8810MG Datasheet
36Kb / 1P
   High Power Infrared Laserdiode
logo
List of Unclassifed Man...
RLT904-20G ETC-RLT904-20G Datasheet
78Kb / 1P
   High Power Infrared Laserdiode
RLT1020-500G ETC1-RLT1020-500G Datasheet
49Kb / 2P
   High Power Infrared Laserdiode
logo
Roithner LaserTechnik G...
RLT8320MG ROITHNER-RLT8320MG Datasheet
41Kb / 1P
   High Power Infrared Laserdiode
RLT9005MG ROITHNER-RLT9005MG Datasheet
36Kb / 1P
   Infrared Laserdiode
RLT80805MG ROITHNER-RLT80805MG Datasheet
42Kb / 1P
   Infrared Laserdiode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com