Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLFV25T-3R3M-PF Datasheet(PDF) 3 Page - TDK Electronics

Part # NLFV25T-3R3M-PF
Description  Inductors for Standard Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLFV25T-3R3M-PF Datasheet(HTML) 3 Page - TDK Electronics

  NLFV25T-3R3M-PF Datasheet HTML 1Page - TDK Electronics NLFV25T-3R3M-PF Datasheet HTML 2Page - TDK Electronics NLFV25T-3R3M-PF Datasheet HTML 3Page - TDK Electronics NLFV25T-3R3M-PF Datasheet HTML 4Page - TDK Electronics NLFV25T-3R3M-PF Datasheet HTML 5Page - TDK Electronics NLFV25T-3R3M-PF Datasheet HTML 6Page - TDK Electronics NLFV25T-3R3M-PF Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
(2/6)
001-03 / 20110928 / e511_nl_02
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
∗1 Rated current: Value obtained when current flows and the temperature has risen to 20°C or when DC current flows and the initial value of inductance has
fallen by 10%, whichever is smaller.
∗2
: Please specify lead-free compatible product, PF (Conformity to RoHS directive, exemption regulations apply) or EF (Conformity to RoHS directive)
• Test equipment L, Q: HP4194A IMPEDANCE ANALYZER(16085A+16093B+TDK TF-1)
SRF: HP8753C NETWORK ANALYZER
Rdc: MATSUSHITA VP-2941A DIGITAL MILLIOHM METER
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
CHARACTERISTICS
Inductance
(µH)
Inductance
tolerance
Q
ref.
Test frequency L,Q
(MHz)
Self-resonant
frequency
(MHz)min.
DC resistance
(
Ω)±20%
Rated current∗1
(mA)max.
Part No.
1
±20%
5
7.96
100
0.07
455
NLFV25T-1R0M-
∗2
1.5
±20%
5
7.96
80
0.09
350
NLFV25T-1R5M-
2.2
±20%
5
7.96
70
0.1
315
NLFV25T-2R2M-
3.3
±20%
5
7.96
55
0.2
280
NLFV25T-3R3M-
4.7
±20%
5
7.96
45
0.24
210
NLFV25T-4R7M-
6.8
±20%
5
7.96
38
0.29
175
NLFV25T-6R8M-
10
±10%
10
2.52
32
0.36
155
NLFV25T-100K-
15
±10%
10
2.52
28
0.75
130
NLFV25T-150K-
22
±10%
10
2.52
16
1
105
NLFV25T-220K-
33
±10%
10
2.52
14
1.4
85
NLFV25T-330K-
47
±10%
10
2.52
11
1.7
60
NLFV25T-470K-
68
±10%
10
2.52
10
3.3
50
NLFV25T-680K-
100
±10%
10
0.796
8
4
40
NLFV25T-101K-
2.5±0.2
2±0.1
(0.4)
1.4±0.1
1.0
1.5
1.0
Terminal
electrode
Weight:25mg
Inductor
Solder land pattern
Dimensions in mm
1
3
130
10
100
300
3
3000
1000
10000
0.3
0.1
10
100
30
1000
300
100
µH
10
µH
1
µH
A
L=0.1HC=20000µF
Test circuit
DC
Specimen
HP model-4275A
or equivalent
DC current(mA)
0.1
1
3
0.3
30
10
100
0.1
0.03
0.01
1
10
3
0.3
100
30
100
µH
10
µH
1
µH
Frequency(MHz)


Similar Part No. - NLFV25T-3R3M-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLFV25T-3R3M-PF TDK-NLFV25T-3R3M-PF Datasheet
333Kb / 16P
   Inductors for Decoupling Circuits
More results

Similar Description - NLFV25T-3R3M-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25T-2R2J-PF TDK-NLV25T-2R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-R18J-PF TDK-NLV25T-R18J-PF Datasheet
197Kb / 15P
   Inductors for Standard Circuits
NLV25T-1R2J-PF TDK-NLV25T-1R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-470J-PF TDK-NLV25T-470J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-033J-PF TDK-NLV25T-033J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
MLF2012A2R2K TDK-MLF2012A2R2K Datasheet
123Kb / 10P
   Inductors for Standard Circuits
NLV25T-015J-PF TDK-NLV25T-015J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NLV25T-1R0J-PF TDK-NLV25T-1R0J-PF Datasheet
1Mb / 13P
   Inductors for Standard Circuits
NLV25 TDK-NLV25 Datasheet
2Mb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com