Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEA252450BT-2063C1 Datasheet(PDF) 1 Page - TDK Electronics

Part # DEA252450BT-2063C1
Description  Multilayer Band Pass Filters
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DEA252450BT-2063C1 Datasheet(HTML) 1 Page - TDK Electronics

  DEA252450BT-2063C1 Datasheet HTML 1Page - TDK Electronics DEA252450BT-2063C1 Datasheet HTML 2Page - TDK Electronics DEA252450BT-2063C1 Datasheet HTML 3Page - TDK Electronics DEA252450BT-2063C1 Datasheet HTML 4Page - TDK Electronics DEA252450BT-2063C1 Datasheet HTML 5Page - TDK Electronics DEA252450BT-2063C1 Datasheet HTML 6Page - TDK Electronics DEA252450BT-2063C1 Datasheet HTML 7Page - TDK Electronics DEA252450BT-2063C1 Datasheet HTML 8Page - TDK Electronics DEA252450BT-2063C1 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
• All specifications are subject to change without notice.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
Multilayer Band Pass Filters
For 2.4GHz W-LAN/Bluetooth
DEA Series
Type:
Issue date:
DEA252450BT-2080B2 (2.5
×2.0×0.9mm)
DEA252450BT-2024C2 (2.5
×2.0×0.9mm)
DEA252450BT-2024C5 (2.5
×2.0×1.0mm max.)
DEA252400BT-2030A1 (2.5
×2.0×1.0mm max.)
DEA252450BT-2024D4 (2.5
×2.0×1.0mm max.)
DEA252450BT-2027A1 (2.5
×2.0×1.0mm max.)
DEA252450BT-2031A1 (2.5
×2.0×1.0mm max.)
DEA252450BT-2063C1 (2.5
×2.0×1.0mm max.)
DEA252450BT-2109C3 (2.5
×2.0×1.0mm max.)
DEA252450BT-2037C1 (2.5
×2.0×1.5mm max.)
December 2011


Similar Part No. - DEA252450BT-2063C1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA252450BT-2063C1 TDK-DEA252450BT-2063C1_16 Datasheet
74Kb / 6P
   Multilayer Band Pass Filter
More results

Similar Description - DEA252450BT-2063C1

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NGFP NIC-NGFP Datasheet
412Kb / 7P
   Multilayer Chip Band Pass Filters
logo
TDK Electronics
DEA252450BT-2109C3 TDK-DEA252450BT-2109C3_16 Datasheet
64Kb / 2P
   Multilayer Chip Band Pass Filters
DEA252450BT-2037C1 TDK-DEA252450BT-2037C1_16 Datasheet
51Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-1271A3 TDK-DEA162450BT-1271A3 Datasheet
59Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-2139A1 TDK-DEA162450BT-2139A1 Datasheet
49Kb / 2P
   Multilayer Chip Band Pass Filters
DEA205787BT-2048C1 TDK-DEA205787BT-2048C1 Datasheet
55Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-1210A1 TDK-DEA162450BT-1210A1 Datasheet
45Kb / 1P
   Multilayer Chip Band Pass Filters
DEA252450BT-2024C2 TDK-DEA252450BT-2024C2_16 Datasheet
50Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-2169A4 TDK-DEA162450BT-2169A4 Datasheet
53Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-1247C1 TDK-DEA162450BT-1247C1 Datasheet
46Kb / 2P
   Multilayer Chip Band Pass Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com