Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLF7045T-3R3N Datasheet(PDF) 3 Page - TDK Electronics

Part # CLF7045T-3R3N
Description  Inductors for Power Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CLF7045T-3R3N Datasheet(HTML) 3 Page - TDK Electronics

  CLF7045T-3R3N Datasheet HTML 1Page - TDK Electronics CLF7045T-3R3N Datasheet HTML 2Page - TDK Electronics CLF7045T-3R3N Datasheet HTML 3Page - TDK Electronics CLF7045T-3R3N Datasheet HTML 4Page - TDK Electronics CLF7045T-3R3N Datasheet HTML 5Page - TDK Electronics CLF7045T-3R3N Datasheet HTML 6Page - TDK Electronics CLF7045T-3R3N Datasheet HTML 7Page - TDK Electronics CLF7045T-3R3N Datasheet HTML 8Page - TDK Electronics CLF7045T-3R3N Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
(3/13)
INDUC
T
O
RS
001-01 / 20130717 / inductor_commercial_power_clf_en.fm
• All specifications are subject to change without notice.
Inductors for Power Circuits
Wound Ferrite
PRODUCT INFORMATION
This product offers superb EMC handling enabled by the construction of a high magnetic shield.
FEATURES
Magnetic shield type wound inductor for power circuits.
1 to 470μH, wide E-6 Series lineup allows for various usages.
APPLICATION
Thin-screen TVs, LCDs, AV equipment, STBs, LED lights, industrial equipment
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of the CLF Series
CLF
7045
T
-
1R5
N
Series name
L×W×H Dimensions
Packaging style
Inductance
Inductance
tolerance
(mm)
(μH)
7045
7.2×6.9×4.5
T
Taping
1R0
1.0
M
±20%
10040
10.0×9.7×3.8
100
10
N
±30%
101
100
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(pieces/reel)
(g)
CLF7045
–40 to +105
–40 to +105
1000
0.72
CLF10040
–40 to +105
–40 to +105
800
1.32
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Similar Part No. - CLF7045T-3R3N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CLF7045T-3R3N TDK-CLF7045T-3R3N Datasheet
1Mb / 13P
   Inductors for Power Circuits
CLF7045T-3R3N TDK-CLF7045T-3R3N Datasheet
166Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF7045T-3R3N-D TDK-CLF7045T-3R3N-D Datasheet
165Kb / 9P
   Inductors for Power Circuits Wound Ferrite
More results

Similar Description - CLF7045T-3R3N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF7032T-101MR45-2-PF TDK-SLF7032T-101MR45-2-PF Datasheet
7Mb / 49P
   Inductors for Power Circuits
VLP8040T-101M TDK-VLP8040T-101M Datasheet
169Kb / 13P
   Inductors for Power Circuits
SPM3012-LR TDK-SPM3012-LR Datasheet
130Kb / 9P
   Inductors for Power Circuits
CLF7045T-3R3N TDK-CLF7045T-3R3N Datasheet
1Mb / 13P
   Inductors for Power Circuits
CLF7045 TDK-CLF7045 Datasheet
132Kb / 5P
   Inductors for Power Circuits
VLCF4028T-471MR14-2 TDK-VLCF4028T-471MR14-2 Datasheet
158Kb / 10P
   Inductors for Power Circuits
SPM5020-LR TDK-SPM5020-LR Datasheet
127Kb / 9P
   Inductors for Power Circuits
SPM5020T-4R7M-LR TDK-SPM5020T-4R7M-LR Datasheet
127Kb / 9P
   Inductors for Power Circuits
SPM3015-LR TDK-SPM3015-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits
SLF7045T-101MR50-PF TDK-SLF7045T-101MR50-PF Datasheet
7Mb / 49P
   Inductors for Power Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com