Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012C0G1H102J Datasheet(PDF) 1 Page - Texas Instruments

Part # C2012C0G1H102J
Description  LM5020 100V Current Mode PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

C2012C0G1H102J Datasheet(HTML) 1 Page - Texas Instruments

  C2012C0G1H102J Datasheet HTML 1Page - Texas Instruments C2012C0G1H102J Datasheet HTML 2Page - Texas Instruments C2012C0G1H102J Datasheet HTML 3Page - Texas Instruments C2012C0G1H102J Datasheet HTML 4Page - Texas Instruments C2012C0G1H102J Datasheet HTML 5Page - Texas Instruments C2012C0G1H102J Datasheet HTML 6Page - Texas Instruments C2012C0G1H102J Datasheet HTML 7Page - Texas Instruments C2012C0G1H102J Datasheet HTML 8Page - Texas Instruments C2012C0G1H102J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
OUT
CS
SS
FB
COMP
/
UVLO
VIN
VCC
COMPENSATION
GND
VOUT
LM5020
VIN
RT SYNC
LM5020
www.ti.com
SNVS275F – MAY 2004 – REVISED APRIL 2006
LM5020 100V Current Mode PWM Controller
Check for Samples: LM5020
1
FEATURES
PACKAGES
2
Internal Start-up Bias Regulator
VSSOP-10
Error Amplifier
WSON-10 (4 mm x 4 mm)
Precision Voltage Reference
DESCRIPTION
Programmable Softstart
The LM5020 high voltage pulse-width-modulation
1A Peak Gate Driver
(PWM) controller contains all of the features needed
Maximum Duty Cycle Limiting (80% for
to implement single ended primary power converter
LM5020-1 or 50% for LM5020-2)
topologies. Output voltage regulation is based on
current-mode control, which eases the design of loop
Programmable Line Under Voltage Lockout
compensation while providing inherent line feed-
(UVLO) with Adjustable Hysteresis
forward. The LM5020 includes a high-voltage start-up
Cycle-by-Cycle Over-Current Protection
regulator that operates over a wide input range up to
Slope Compensation (LM5020-1)
100V. The PWM controller is designed for high speed
capability including an oscillator frequency range to
Programmable Oscillator Frequency with
1MHz and total propagation delays less than 100ns.
Synchronization Capability
Additional
features
include
an
error
amplifier,
Current Sense Leading Edge Blanking
precision reference, line under-voltage lockout, cycle-
Thermal Shutdown Protection
by-cycle current limit, slope compensation, softstart,
oscillator
synchronization
capability
and
thermal
shutdown. The controller is available in both VSSOP-
APPLICATIONS
10 and WSON-10 packages.
Telecommunication Power Converters
Industrial Power Converters
+42V Automotive Systems
Typical Application Circuit
Figure 1. Non-Isolated Flyback Converter
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - C2012C0G1H102J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C2012C0G1H102J TI1-C2012C0G1H102J Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
logo
TDK Electronics
C2012C0G1H102J060AA TDK-C2012C0G1H102J060AA Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C2012C0G1H102J060AA TDK-C2012C0G1H102J060AA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
C2012C0G1H102J060AA TDK-C2012C0G1H102J060AA_17 Datasheet
186Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2012C0G1H102J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5020 TI-LM5020_15 Datasheet
865Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
SM74202 TI1-SM74202 Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
LM5020 TI1-LM5020_14 Datasheet
899Kb / 19P
[Old version datasheet]   100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020 TI1-LM5020 Datasheet
890Kb / 17P
[Old version datasheet]   100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
   100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
[Old version datasheet]   100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com