Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4260PAN Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PBSS4260PAN
Description  60 V, 2 A NPN/NPN low VCEsat (BISS) transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS4260PAN Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PBSS4260PAN Datasheet HTML 7Page - NXP Semiconductors PBSS4260PAN Datasheet HTML 8Page - NXP Semiconductors PBSS4260PAN Datasheet HTML 9Page - NXP Semiconductors PBSS4260PAN Datasheet HTML 10Page - NXP Semiconductors PBSS4260PAN Datasheet HTML 11Page - NXP Semiconductors PBSS4260PAN Datasheet HTML 12Page - NXP Semiconductors PBSS4260PAN Datasheet HTML 13Page - NXP Semiconductors PBSS4260PAN Datasheet HTML 14Page - NXP Semiconductors PBSS4260PAN Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NXP Semiconductors
PBSS4260PAN
60 V, 2 A NPN/NPN low VCEsat (BISS) transistor
PBSS4260PAN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
12 December 2012
11 / 17
aaa-000083
400
200
600
800
hFE
0
IC (mA)
10-1
104
103
1
102
10
(1)
(2)
(3)
VCE = 2 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig. 10. DC current gain as a function of collector
current; typical values
VCE (V)
0
5
4
2
3
1
aaa-000113
1
2
3
IC
(A)
0
IB = 50 mA
45
40
35
30
25
20
15
10
5
Tamb = 25 °C
Fig. 11. Collector current as a function of collector-
emitter voltage; typical values
aaa-000114
0.4
0.8
1.2
VBE
(V)
0.0
IC (mA)
10-1
104
103
1
102
10
(1)
(2)
(3)
VCE = 2 V
(1) Tamb = −55 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 12. Base-emitter voltage as a function of collector
current; typical values
aaa-000115
0.6
0.8
0.4
1.0
1.2
VBEsat
(V)
0.2
IC (mA)
10-1
104
103
1
102
10
(1)
(3)
(2)
IC/IB = 20
(1) Tamb = −55 °C
(2) Tamb = 25 °C
(3) Tamb= 100 °C
Fig. 13. Base-emitter saturation voltage as a function of
collector current; typical values


Similar Part No. - PBSS4260PAN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4260PAN NEXPERIA-PBSS4260PAN Datasheet
752Kb / 17P
   60 V, 2 A NPN/NPN low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS4260PANP NXP-PBSS4260PANP Datasheet
348Kb / 21P
   60 V, 2 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS4260PANP NEXPERIA-PBSS4260PANP Datasheet
855Kb / 21P
   60 V, 2 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
PBSS4260PANPS NEXPERIA-PBSS4260PANPS Datasheet
794Kb / 21P
   60 V, 2 A NPN/PNP low VCEsat (BISS) double transistor
PBSS4260PANS NEXPERIA-PBSS4260PANS Datasheet
741Kb / 17P
   60 V, 2 A NPN/NPN low VCEsat (BISS) double transistor
More results

Similar Description - PBSS4260PAN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4260PAN NEXPERIA-PBSS4260PAN Datasheet
752Kb / 17P
   60 V, 2 A NPN/NPN low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS4260QA NXP-PBSS4260QA Datasheet
252Kb / 17P
   60 V, 2 A NPN low VCEsat (BISS) transistor
28 August 2013
logo
Nexperia B.V. All right...
PBSS4260QA NEXPERIA-PBSS4260QA Datasheet
731Kb / 17P
   60 V, 2 A NPN low VCEsat (BISS) transistor
28 August 2013
PBSS4260PANS NEXPERIA-PBSS4260PANS Datasheet
741Kb / 17P
   60 V, 2 A NPN/NPN low VCEsat (BISS) double transistor
logo
NXP Semiconductors
PBSS4260PANP NXP-PBSS4260PANP Datasheet
348Kb / 21P
   60 V, 2 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS4260PANP NEXPERIA-PBSS4260PANP Datasheet
855Kb / 21P
   60 V, 2 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS4041SN PHILIPS-PBSS4041SN Datasheet
399Kb / 15P
   60 V, 6.7 A NPN/NPN low VCEsat (BISS) transistor
Rev. 2-18 October 2010
PBSS4160DS PHILIPS-PBSS4160DS_15 Datasheet
216Kb / 14P
   60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
Rev. 04-11 December 2009
PBSS4160DS PHILIPS-PBSS4160DS Datasheet
154Kb / 14P
   60 V 1 A NPN/NPN low VCEsat (BISS) transistor
Rev. 02-27 June 2005
PBSS4160PAN NXP-PBSS4160PAN Datasheet
276Kb / 17P
   60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
14 January 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com