Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5050-2 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5050-2
Description  LM5050-2 High Side OR-ing FET Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5050-2 Datasheet(HTML) 5 Page - Texas Instruments

  LM5050-2 Datasheet HTML 1Page - Texas Instruments LM5050-2 Datasheet HTML 2Page - Texas Instruments LM5050-2 Datasheet HTML 3Page - Texas Instruments LM5050-2 Datasheet HTML 4Page - Texas Instruments LM5050-2 Datasheet HTML 5Page - Texas Instruments LM5050-2 Datasheet HTML 6Page - Texas Instruments LM5050-2 Datasheet HTML 7Page - Texas Instruments LM5050-2 Datasheet HTML 8Page - Texas Instruments LM5050-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
0.0V
1.0V
0 mV
VSD(REV)
-500 mV
VSD(REG)
200 mV
VGATE
VIN > VOUT
VIN < VOUT
tGATE(OFF)
LM5050-2
www.ti.com
SNVS679B – NOVEMBER 2010 – REVISED MARCH 2013
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the operating junction temperature (TJ)
range of -40°C to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 12.0V, VOUT = 12.0V, VOFF= 0.0V, CGATE= 47 nF, and TJ = 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
OFF Pin
VOUT = VIN-500 mV
VOFF(IH)
OFF Input High Threshold Voltage
-
1.55
1.73
VOFF Rising
V
VOUT = VIN - 500 mV
VOFF(IL)
OFF Input Low Threshold Voltage
1.09
1.41
-
VOFF Falling
ΔVOFF
OFF Threshold Voltage Hysteresis
VOFF(IH) - VOFF(IL)
-
160
-
mV
IOFF
OFF Pin Internal Pull-down
VOFF = 5.0V
2.0
5
8.0
µA
nFGD Pin
VOFF = 5V
FET Test Threshold Voltage
VSD(TST)
VOUT = 12V
250
350
450
mV
VIN < VOUT
VIN falling from 12V
ΔVSD(TST)
FET Test Threshold Voltage Hysteresis
-
95
-
mV
nFGD Output Low Voltage
VOFF = 5V
nFGDVOL
-
630
850
mV
nFGD Output = On
InFGD = 1 mA Sinking
nFGD Output Leakage Current
VOFF = 0V
nFGDIOL
-
0.001
0.7
µA
nFGD Output = Off
VnFGD = 5.5V
Figure 4. Gate Off Timing for Forward to Reverse Transition
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5050-2


Similar Part No. - LM5050-2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5050-2 NSC-LM5050-2 Datasheet
713Kb / 6P
   EVAL Evaluation Board Minimum Input Voltage, 6V
More results

Similar Description - LM5050-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5050MKX-2 TI1-LM5050MKX-2 Datasheet
1,010Kb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_13 Datasheet
1Mb / 21P
[Old version datasheet]   High Side OR-ing FET Controller
LP5952 TI1-LP5952_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
[Old version datasheet]   High Side OR-ing FET Controller
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
[Old version datasheet]   Low Side OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ INTERSIL-ISL6146AFUZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ-TK INTERSIL-ISL6146AFUZ-TK Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com