Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4230PANP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PBSS4230PANP
Description  30 V, 2 A NPN/PNP low VCEsat (BISS) transistor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS4230PANP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PBSS4230PANP Datasheet HTML 7Page - NXP Semiconductors PBSS4230PANP Datasheet HTML 8Page - NXP Semiconductors PBSS4230PANP Datasheet HTML 9Page - NXP Semiconductors PBSS4230PANP Datasheet HTML 10Page - NXP Semiconductors PBSS4230PANP Datasheet HTML 11Page - NXP Semiconductors PBSS4230PANP Datasheet HTML 12Page - NXP Semiconductors PBSS4230PANP Datasheet HTML 13Page - NXP Semiconductors PBSS4230PANP Datasheet HTML 14Page - NXP Semiconductors PBSS4230PANP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
NXP Semiconductors
PBSS4230PANP
30 V, 2 A NPN/PNP low VCEsat (BISS) transistor
PBSS4230PANP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
14 December 2012
11 / 21
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IC = -2 A; IB = -100 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-295
-420
mV
IC = -2 A; IB = -200 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-275
-390
mV
RCEsat
collector-emitter
saturation resistance
IC = -1 A; IB = -100 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
195
IC = -500 mA; IB = -50 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
-1
V
IC = -1 A; IB = -50 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
-1
V
IC = -2 A; IB = -100 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
-1.1
V
VBEsat
base-emitter saturation
voltage
IC = -2 A; IB = -200 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
-1.2
V
VBEon
base-emitter turn-on
voltage
VCE = -2 V; IC = -0.5 A; pulsed;
tp ≤ 300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
-0.9
V
td
delay time
-
10
-
ns
tr
rise time
-
50
-
ns
ton
turn-on time
-
60
-
ns
ts
storage time
-
200
-
ns
tf
fall time
-
45
-
ns
toff
turn-off time
VCC = -12.5 V; IC = -1 A; IBon = -0.05 A;
IBoff = 0.05 A; Tamb = 25 °C
-
245
-
ns
fT
transition frequency
VCE = -10 V; IC = -50 mA; f = 100 MHz;
Tamb = 25 °C
50
95
-
MHz
Cc
collector capacitance
VCB = -10 V; IE = 0 A; ie = 0 A;
f = 1 MHz; Tamb = 25 °C
-
22
29
pF


Similar Part No. - PBSS4230PANP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4230PANP NEXPERIA-PBSS4230PANP Datasheet
854Kb / 21P
   30 V, 2 A NPN/PNP low VCEsat (BISS) transistor
14 December 2012
More results

Similar Description - PBSS4230PANP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4230PANP NEXPERIA-PBSS4230PANP Datasheet
854Kb / 21P
   30 V, 2 A NPN/PNP low VCEsat (BISS) transistor
14 December 2012
logo
NXP Semiconductors
PBSS5230T PHILIPS-PBSS5230T Datasheet
55Kb / 7P
   30 V, 2 A PNP low VCEsat (BISS) transistor
2003 Dec 18
PBSS5230T PHILIPS-PBSS5230T_15 Datasheet
215Kb / 10P
   30 V, 2 A PNP low VCEsat (BISS) transistor
Rev. 2-4 June 2012
logo
Nexperia B.V. All right...
PBSS5230QA NEXPERIA-PBSS5230QA Datasheet
727Kb / 17P
   30 V, 2 A PNP low VCEsat (BISS) transistor
23 August 2013
logo
NXP Semiconductors
PBSS5230QA NXP-PBSS5230QA Datasheet
245Kb / 17P
   30 V, 2 A PNP low VCEsat (BISS) transistor
23 August 2013
logo
Nexperia B.V. All right...
PBSS5230T NEXPERIA-PBSS5230T Datasheet
463Kb / 11P
   30 V, 2 A PNP low VCEsat (BISS) transistor
Rev. 2 - 4 June 2012
PBSS5230PAP NEXPERIA-PBSS5230PAP Datasheet
751Kb / 17P
   30 V, 2 A PNP/PNP low VCEsat (BISS) transistor
11 January 2013
logo
NXP Semiconductors
PBSS5230PAP NXP-PBSS5230PAP Datasheet
274Kb / 17P
   30 V, 2 A PNP/PNP low VCEsat (BISS) transistor
11 January 2013
PBSS4230QA NXP-PBSS4230QA Datasheet
251Kb / 17P
   30 V, 2 A NPN low VCEsat (BISS) transistor
23 August 2013
logo
Nexperia B.V. All right...
PBSS4230QA NEXPERIA-PBSS4230QA Datasheet
730Kb / 17P
   30 V, 2 A NPN low VCEsat (BISS) transistor
23 August 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com