Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF16V8C-7JI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATF16V8C-7JI
Description  Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8C-7JI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATF16V8C-7JI Datasheet HTML 7Page - ATMEL Corporation ATF16V8C-7JI Datasheet HTML 8Page - ATMEL Corporation ATF16V8C-7JI Datasheet HTML 9Page - ATMEL Corporation ATF16V8C-7JI Datasheet HTML 10Page - ATMEL Corporation ATF16V8C-7JI Datasheet HTML 11Page - ATMEL Corporation ATF16V8C-7JI Datasheet HTML 12Page - ATMEL Corporation ATF16V8C-7JI Datasheet HTML 13Page - ATMEL Corporation ATF16V8C-7JI Datasheet HTML 14Page - ATMEL Corporation ATF16V8C-7JI Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
0425H–PLD–3/11
Atmel ATF16V8C
20.
Atmel ATF16V8C complex mode
PAL device emulation/PAL replacement. In the complex mode, combinatorial output and I/O functions are possible.
Pins 1 and 11 are regular inputs to the array. Pins 13 through 18 have pin feedback paths back to the AND-array, which
makes full I/O capability possible. Pins 12 and 19 (outermost macrocells) are outputs only. They do not have input
capability. In this mode, each macrocell has seven product terms going to the sum term and one product term enabling the
output.
Combinatorial applications with an OE requirement will make the compiler select this mode. The following devices can be
emulated using this mode:
16L8
16H8
16P8
Figure 21.
Complex Mode Option
22.
Atmel ATF16V8C simple mode
PAL device emulation/PAL replacement. In the simple mode, eight product terms are allocated to the sum term. Pins
15 and 16 (center macrocells) are permanently configured as combinatorial outputs. Other macrocells can be either inputs
or combinatorial outputs with pin feedback to the AND-array. Pins 1 and 11 are regular inputs.
The compiler selects this mode when all outputs are combinatorial without OE control. The following simple PALs can be
emulated using this mode:
10L8 10H8 10P8
12L6 12H6 12P6
14L4 14H4 14P4
16L2 16H2 16P2
Figure 23.
Simple mode option
0
1


Similar Part No. - ATF16V8C-7JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8C-7JI ATMEL-ATF16V8C-7JI Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF16V8C-7JI ATMEL-ATF16V8C-7JI Datasheet
503Kb / 18P
   Highperformance EE PLD
More results

Similar Description - ATF16V8C-7JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8B ATMEL-ATF16V8B Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
logo
Maxim Integrated Produc...
MAX16065EVKIT MAXIM-MAX16065EVKIT Datasheet
2Mb / 22P
   Easy-to-Use GUI Software
Rev 0; 5/11
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATF20V8B ATMEL-ATF20V8B_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
   Industry-standard Architecture
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
   Industry-standard Architecture
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF22V10C ATMEL-ATF22V10C_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com