Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3485MM Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3485MM
Description  Hysteretic PFET Buck Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3485MM Datasheet(HTML) 4 Page - Texas Instruments

  LM3485MM Datasheet HTML 1Page - Texas Instruments LM3485MM Datasheet HTML 2Page - Texas Instruments LM3485MM Datasheet HTML 3Page - Texas Instruments LM3485MM Datasheet HTML 4Page - Texas Instruments LM3485MM Datasheet HTML 5Page - Texas Instruments LM3485MM Datasheet HTML 6Page - Texas Instruments LM3485MM Datasheet HTML 7Page - Texas Instruments LM3485MM Datasheet HTML 8Page - Texas Instruments LM3485MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
-40
JUNCTION TEMPERATURE (qC)
VIN=4.5V
VIN=12V
VIN=35V
-20
0
20
40
60
80 100 120 140
4.5
5.0
5.5
6.0
6.5
8
9
10
11
12
-40 -20
0
20
40
60
80 100 120 140
VIN = 12V
VIN = 4.5V
JUNCTION TEMPERATURE (°C)
90
95
100
105
110
4
12
20
28
36
INPUT VOLTAGE (V)
TJ = 25qC
-40 -20
0
20
40
60
80 100 120 140
4
6
8
10
12
14
JUNCTION TEMPERATURE (°C)
100
150
200
250
300
350
400
4
12
20
28
36
INPUT VOLTAGE (V)
Tj = -40qC
Tj = 25qC
Tj = 125qC
VIN=4.5V
VIN=35V
JUNCTION TEMPERATURE (°C)
VIN=12V
-40 -20
0
20
40
60 80 100 120 140
1.225
1.240
1.235
1.230
1.245
1.250
1.255
LM3485
SNVS178G – JANUARY 2002 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified, TJ = 25°C
Quiescent Current
vs
Feedback Voltage
Input Voltage
vs
(FB = 1.5V)
Temperature
Hysteresis Voltage
Hysteresis Voltage
vs
vs
Input Voltage
Temperature
Current Limit ADJ Current
Current Limit One Shot OFF Time
vs
vs
Temperature
Temperature
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM3485


Similar Part No. - LM3485MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485MM NSC-LM3485MM Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MM TI-LM3485MM Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI1-LM3485MM Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM/NOPB TI1-LM3485MM/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3485MMX NSC-LM3485MMX Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
More results

Similar Description - LM3485MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com