Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF16V8BQL-15JC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF16V8BQL-15JC
Description  Industry-standard Architecture Emulates Mary 20-pin PAL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8BQL-15JC Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF16V8BQL-15JC Datasheet HTML 1Page - ATMEL Corporation ATF16V8BQL-15JC Datasheet HTML 2Page - ATMEL Corporation ATF16V8BQL-15JC Datasheet HTML 3Page - ATMEL Corporation ATF16V8BQL-15JC Datasheet HTML 4Page - ATMEL Corporation ATF16V8BQL-15JC Datasheet HTML 5Page - ATMEL Corporation ATF16V8BQL-15JC Datasheet HTML 6Page - ATMEL Corporation ATF16V8BQL-15JC Datasheet HTML 7Page - ATMEL Corporation ATF16V8BQL-15JC Datasheet HTML 8Page - ATMEL Corporation ATF16V8BQL-15JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
0364J–PLD–7/05
ATF16V8B/BQ/BQL
Figure 1-1.
Block Diagram
2.
Pin Configurations
Table 2-1.
Pin Configurations (All Pinouts Top View)
Pin Name
Function
CLK
Clock
I
Logic Inputs
I/O
Bi-directional Buffers
OE
Output Enable
VCC
+5V Supply
Figure 2-1.
TSSOP
Figure 2-2.
DIP/SOIC
Figure 2-3.
PLCC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
I/CLK
I1
I2
I3
I4
I5
I6
I7
I8
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I9/OE
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
I/CLK
I1
I2
I3
I4
I5
I6
I7
I8
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I9/OE
4
5
6
7
8
18
17
16
15
14
I3
I4
I5
I6
I7
I/O
I/O
I/O
I/O
I/O


Similar Part No. - ATF16V8BQL-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
More results

Similar Description - ATF16V8BQL-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8C ATMEL-ATF16V8C_13 Datasheet
1Mb / 23P
   Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATF20V8B ATMEL-ATF20V8B_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
   Industry-standard Architecture
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
   Industry-standard Architecture
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF22V10C ATMEL-ATF22V10C_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CZ ATMEL-ATF22V10CZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com