Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2674N-ADJ Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2674N-ADJ
Description  LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2674N-ADJ Datasheet(HTML) 3 Page - Texas Instruments

  LM2674N-ADJ Datasheet HTML 1Page - Texas Instruments LM2674N-ADJ Datasheet HTML 2Page - Texas Instruments LM2674N-ADJ Datasheet HTML 3Page - Texas Instruments LM2674N-ADJ Datasheet HTML 4Page - Texas Instruments LM2674N-ADJ Datasheet HTML 5Page - Texas Instruments LM2674N-ADJ Datasheet HTML 6Page - Texas Instruments LM2674N-ADJ Datasheet HTML 7Page - Texas Instruments LM2674N-ADJ Datasheet HTML 8Page - Texas Instruments LM2674N-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LM2674
www.ti.com
SNVS007F – SEPTEMBER 1998 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Supply Voltage
45V
ON/OFF Pin Voltage
−0.1V ≤ VSH ≤ 6V
Switch Voltage to Ground
−1V
Boost Pin Voltage
VSW + 8V
Feedback Pin Voltage
−0.3V ≤ VFB ≤ 14V
ESD Susceptibility
Human Body Model(3)
2 kV
Power Dissipation
Internally Limited
Storage Temperature Range
−65°C to +150°C
Vapor Phase (60s)
+215°C
D Package
Infrared (15s)
+220°C
Lead Temperature
P Package (Soldering, 10s)
+260°C
WSON Package
(See AN-1187)
Maximum Junction Temperature
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but device parameter specifications may not be ensured under these conditions. For
ensured specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
Supply Voltage
6.5V to 40V
Junction Temperature Range
−40°C ≤ TJ ≤ +125°C
Electrical Characteristics LM2674-3.3
Specifications with standard type face are for TJ = 25°C, and those with bold type face apply over full Operating
Temperature Range.
Symbol
Parameter
Conditions
Typical(1)
Min(2)
Max(2)
Units
SYSTEM PARAMETERS Test Circuit Figure 22(3)
VOUT
Output Voltage
VIN = 8V to 40V, ILOAD = 20 mA to 500 mA
3.3
3.251/3.201
3.350/3.399
V
VOUT
Output Voltage
VIN = 6.5V to 40V, ILOAD = 20 mA to 250 mA
3.3
3.251/3.201
3.350/3.399
V
η
Efficiency
VIN = 12V, ILOAD = 500 mA
86
%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits ensured at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are ensured via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator performance. When the LM2674 is used as shown in Figure 22 andFigure 23 test circuits, system performance will
be as specified by the system parameters section of the Electrical Characteristics.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2674


Similar Part No. - LM2674N-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2674N-ADJ NSC-LM2674N-ADJ Datasheet
440Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
logo
Texas Instruments
LM2674N-ADJ TI1-LM2674N-ADJ Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674N-ADJ/NOPB TI1-LM2674N-ADJ/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
More results

Similar Description - LM2674N-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2674 TI1-LM2674 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674M TI-LM2674M Datasheet
1Mb / 31P
[Old version datasheet]   LM2674 SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2671 TI1-LM2671 Datasheet
2Mb / 36P
[Old version datasheet]   LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
logo
National Semiconductor ...
LM2674 NSC-LM2674 Datasheet
440Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2675M-ADJ TI-LM2675M-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675MX-33 TI1-LM2675MX-33 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com