Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2674N-5.0 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2674N-5.0
Description  LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2674N-5.0 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2674N-5.0 Datasheet HTML 6Page - Texas Instruments LM2674N-5.0 Datasheet HTML 7Page - Texas Instruments LM2674N-5.0 Datasheet HTML 8Page - Texas Instruments LM2674N-5.0 Datasheet HTML 9Page - Texas Instruments LM2674N-5.0 Datasheet HTML 10Page - Texas Instruments LM2674N-5.0 Datasheet HTML 11Page - Texas Instruments LM2674N-5.0 Datasheet HTML 12Page - Texas Instruments LM2674N-5.0 Datasheet HTML 13Page - Texas Instruments LM2674N-5.0 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LM2674
SNVS007F – SEPTEMBER 1998 – REVISED APRIL 2013
www.ti.com
Block Diagram
* Active Inductor Patent Number 5,514,947
† Active Capacitor Patent Number 5,382,918
Figure 21.
Test Circuit and Layout Guidelines
CIN - 22 μF, 50V Tantalum, Sprague “199D Series”
COUT - 47 μF, 25V Tantalum, Sprague “595D Series”
D1 - 3.3A, 50V Schottky Rectifier, IR 30WQ05F
L1 - 68
μH Sumida #RCR110D-680L
CB - 0.01 μF, 50V Ceramic
Figure 22. Standard Test Circuits and Layout Guides
Fixed Output Voltage Versions
10
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2674


Similar Part No. - LM2674N-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2674N-5.0 NSC-LM2674N-5.0 Datasheet
440Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
logo
Texas Instruments
LM2674N-5.0 TI1-LM2674N-5.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674N-5.0/NOPB TI1-LM2674N-5.0/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
More results

Similar Description - LM2674N-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2674 TI1-LM2674 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674M TI-LM2674M Datasheet
1Mb / 31P
[Old version datasheet]   LM2674 SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2671 TI1-LM2671 Datasheet
2Mb / 36P
[Old version datasheet]   LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
logo
National Semiconductor ...
LM2674 NSC-LM2674 Datasheet
440Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2675M-ADJ TI-LM2675M-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675MX-33 TI1-LM2675MX-33 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com