Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2675 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM2675
Description  LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2675 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM2675 Datasheet HTML 21Page - Texas Instruments LM2675 Datasheet HTML 22Page - Texas Instruments LM2675 Datasheet HTML 23Page - Texas Instruments LM2675 Datasheet HTML 24Page - Texas Instruments LM2675 Datasheet HTML 25Page - Texas Instruments LM2675 Datasheet HTML 26Page - Texas Instruments LM2675 Datasheet HTML 27Page - Texas Instruments LM2675 Datasheet HTML 28Page - Texas Instruments LM2675 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM2675LD-5.0
WSON
NHN
16
1000
178.0
12.4
5.3
5.3
1.3
8.0
12.0
Q1
LM2675LD-5.0/NOPB
WSON
NHN
16
1000
178.0
12.4
5.3
5.3
1.3
8.0
12.0
Q1
LM2675LD-ADJ
WSON
NHN
16
1000
178.0
12.4
5.3
5.3
1.3
8.0
12.0
Q1
LM2675LD-ADJ/NOPB
WSON
NHN
16
1000
178.0
12.4
5.3
5.3
1.3
8.0
12.0
Q1
LM2675LDX-ADJ
WSON
NHN
16
4500
330.0
12.4
5.3
5.3
1.3
8.0
12.0
Q1
LM2675LDX-ADJ/NOPB
WSON
NHN
16
4500
330.0
12.4
5.3
5.3
1.3
8.0
12.0
Q1
LM2675MX-12
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM2675MX-12/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM2675MX-3.3
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM2675MX-3.3/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM2675MX-5.0/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM2675MX-ADJ
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM2675MX-ADJ/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Mar-2013
Pack Materials-Page 1


Similar Part No. - LM2675

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675 NSC-LM2675 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI-LM2675 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675 TI-LM2675 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675 TI-LM2675 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
More results

Similar Description - LM2675

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2675MX-33 TI1-LM2675MX-33 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675MX-5 TI1-LM2675MX-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675M-5 TI1-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675MX-ADJ TI-LM2675MX-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675M-33 TI-LM2675M-33 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-5.0 TI-LM2675MX-5.0 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675M-5 TI-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
logo
National Semiconductor ...
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com