Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM285-1.2-N Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM285-1.2-N
Description  LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM285-1.2-N Datasheet(HTML) 3 Page - Texas Instruments

  LM285-1.2-N Datasheet HTML 1Page - Texas Instruments LM285-1.2-N Datasheet HTML 2Page - Texas Instruments LM285-1.2-N Datasheet HTML 3Page - Texas Instruments LM285-1.2-N Datasheet HTML 4Page - Texas Instruments LM285-1.2-N Datasheet HTML 5Page - Texas Instruments LM285-1.2-N Datasheet HTML 6Page - Texas Instruments LM285-1.2-N Datasheet HTML 7Page - Texas Instruments LM285-1.2-N Datasheet HTML 8Page - Texas Instruments LM285-1.2-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM185-1.2-N, LM285-1.2-N, LM385-1.2-N
www.ti.com
SNVS742E – JANUARY 2000 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS
(1)
LM185-1.2-N
LM185BX-1.2-N
LM385B-1.2-N
LM185BY-1.2-N
LM385BX-1.2-N
LM385-1.2-N
LM285-1.2-N
LM385BY-1.2-N
Units
Parameter
Conditions
Typ
LM285BX-1.2-N
(Limit)
LM285BY-1.2-N
Tested
Design
Tested
Design
Tested
Design
Limit (2)
Limit (4)
Limit (2)
Limit (4)
Limit (2)
Limit (4)
(3)
Reverse Breakdown
TA = 25°C,
1.23
1.223
1.223
1.205
V(Min)
5
Voltage
10
μA ≤ IR ≤ 20mA
1.247
1.247
1.260
V(Max)
Minimum Operating
8
10
20
15
20
15
20
μA
Current
LM385M3-1.2-N
10
15
(Max)
Reverse Breakdown
10
μA ≤ IR ≤ 1mA
1
1.5
1
1.5
1
1.5
mV
Voltage Change with
(Max)
Current
1mA
≤ IR ≤ 20mA
10
20
20
25
20
25
mV
(Max)
Reverse Dynamic
IR = 100μA, f = 20Hz
1
Ω
Impedance
Wideband Noise
IR = 100μA,
60
μV
(rms)
10Hz
≤ f ≤ 10kHz
Long Term Stability
IR = 100μA, T = 1000 Hr,
20
ppm
TA = 25°C ±0.1°C
Average Temperature
IR = 100μA
Coefficient (5)
X Suffix
30
30
ppm/°C
Y Suffix
50
50
ppm/°C
All Others
150
150
150
ppm/°C
(Max)
(1)
Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25°C.
(2)
Production tested.
(3)
A military RETS electrical specification is available on request.
(4)
Specified by design. Not production tested. These limits are not used to calculate average outgoing quality levels.
(5)
The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures between
the operating TMAX and TMIN, divided by TMAX − TMIN. The measured temperatures are −55°C, −40°C, 0°C, 25°C, 70°C, 85°C, 125°C.
THERMAL CHARACTERISTICS
Thermal Resistance
TO-92
TO
SOIC
SOT-23
180°C/W (0.4
″ leads)
θJA (junction to ambient)
440°C/W
165°C/W
283°C/W
170°C/W (0.125
″ leads)
θJC (junction to case)
N/A
80°C/W
N/A
N/A
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM185-1.2-N LM285-1.2-N LM385-1.2-N


Similar Part No. - LM285-1.2-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285-1.2 TI-LM285-1.2 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
logo
National Semiconductor ...
LM285-1.2 NSC-LM285-1.2 Datasheet
698Kb / 11P
   Micropower Voltage Reference Diode
LM285-1.2 NSC-LM285-1.2 Datasheet
293Kb / 10P
   Micropower Voltage Reference Diode
logo
Linear Technology
LM285-1.2 LINER-LM285-1.2 Datasheet
147Kb / 8P
   Micropower Voltage Reference
LM285-1.2 LINER-LM285-1.2 Datasheet
153Kb / 8P
   Micropower Voltage Reference
More results

Similar Description - LM285-1.2-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BZ TI1-LM385BZ Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285BYMX-25 TI1-LM285BYMX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285M-25 TI1-LM285M-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385Z-2.5 TI-LM385Z-2.5 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N_13 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com