Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4112PANP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBSS4112PANP
Description  120 V, 1 A NPN/PNP low VCEsat (BISS) transistor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS4112PANP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PBSS4112PANP Datasheet HTML 2Page - NXP Semiconductors PBSS4112PANP Datasheet HTML 3Page - NXP Semiconductors PBSS4112PANP Datasheet HTML 4Page - NXP Semiconductors PBSS4112PANP Datasheet HTML 5Page - NXP Semiconductors PBSS4112PANP Datasheet HTML 6Page - NXP Semiconductors PBSS4112PANP Datasheet HTML 7Page - NXP Semiconductors PBSS4112PANP Datasheet HTML 8Page - NXP Semiconductors PBSS4112PANP Datasheet HTML 9Page - NXP Semiconductors PBSS4112PANP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
NXP Semiconductors
PBSS4112PANP
120 V, 1 A NPN/PNP low VCEsat (BISS) transistor
PBSS4112PANP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
29 November 2012
6 / 21
006aad167
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB 35 µm, mounting pad for collector 1 cm2
Fig. 3. Per transistor: transient thermal impedance from junction to ambient as a function of pulse duration;
typical values
006aad168
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0
4-layer PCB 35 µm, standard footprint
Fig. 4. Per transistor: transient thermal impedance from junction to ambient as a function of pulse duration;
typical values


Similar Part No. - PBSS4112PANP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4112PANP NEXPERIA-PBSS4112PANP Datasheet
854Kb / 21P
   120 V, 1 A NPN/PNP low VCEsat (BISS) transistor
29 November 2012
logo
NXP Semiconductors
PBSS4112PANP PHILIPS-PBSS4112PANP_15 Datasheet
344Kb / 21P
   120 V, 1 A NPN/PNP low VCEsat (BISS) transistor
29 November 2012
More results

Similar Description - PBSS4112PANP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4112PANP PHILIPS-PBSS4112PANP_15 Datasheet
344Kb / 21P
   120 V, 1 A NPN/PNP low VCEsat (BISS) transistor
29 November 2012
logo
Nexperia B.V. All right...
PBSS4112PANP NEXPERIA-PBSS4112PANP Datasheet
854Kb / 21P
   120 V, 1 A NPN/PNP low VCEsat (BISS) transistor
29 November 2012
logo
NXP Semiconductors
PBSS5112PAP NXP-PBSS5112PAP Datasheet
254Kb / 17P
   120 V, 1 A PNP/PNP low VCEsat (BISS) transistor
30 November 2012
logo
Nexperia B.V. All right...
PBSS5112PAP NEXPERIA-PBSS5112PAP Datasheet
751Kb / 17P
   120 V, 1 A PNP/PNP low VCEsat (BISS) transistor
30 November 2012
logo
NXP Semiconductors
PBSS4112PAN NXP-PBSS4112PAN Datasheet
255Kb / 17P
   120 V, 1 A NPN/NPN low VCEsat (BISS) transistor
29 November 2012
logo
Nexperia B.V. All right...
PBSS4112PAN NEXPERIA-PBSS4112PAN Datasheet
752Kb / 17P
   120 V, 1 A NPN/NPN low VCEsat (BISS) transistor
29 November 2012
logo
NXP Semiconductors
PBSS4112PAN PHILIPS-PBSS4112PAN_15 Datasheet
255Kb / 17P
   120 V, 1 A NPN/NPN low VCEsat (BISS) transistor
29 November 2012
logo
Nexperia B.V. All right...
PBSS4160DPN NEXPERIA-PBSS4160DPN Datasheet
380Kb / 19P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
Rev. 03 - 11 December 2009
PBSS4130PANP NEXPERIA-PBSS4130PANP Datasheet
853Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS4160PANP NXP-PBSS4160PANP Datasheet
368Kb / 21P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
14 January 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com