Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMPQ6700 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MMPQ6700
Description  Quad NPN & PNP General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MMPQ6700 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MMPQ6700
C
C
C
C
C
C
C
C
SOIC-16
E
B
E
B
E
B
E
B
© 1997 Fairchild Semiconductor Corporation
1
1
2
2
3
3
4
4
1
1
2
2
3
3
4
4
Quad NPN & PNP General Purpose Amplifier
These complimentary devices can be used in switches with collector currents of 10
µA to 100 mA. These devices are best used when space is the primary consideration.
Sourced from Process 23 & 66. See 2N3904 (NPN) & 2N3906 (PNP) for characteris-
tics.
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
40
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current - Continuous
200
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Symbol
Characteristic
Max
Units
MMPQ6700
PD
Total Device Dissipation
Derate above 25
°C
1000
8.0
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
Effective 4 Die
Each Die
125
240
°C/W
°C/W
TRANSIST
TRANSIST
TRANSIST
TRANSIST
TRANSISTOR
OR
OR
OR
OR
TYPE
TYPE
TYPE
TYPE
TYPE
NPN
PNP
C
1
B
1
E
1
&
C
2
B
2
E
2
C
3
B
3
E
3
&
C
4
B
4
E
4


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn