Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMPQ6700 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. MMPQ6700
Description  Quad NPN & PNP General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MMPQ6700 Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SOIC-16 Tape and Reel Data and Package Dimensions, continued
July 1999, Rev. B
P1
A0
D1
P0
F
W
E1
D0
E2
B0
Tc
Wc
K0
T
Dimensions are in inches and millimeters
Tape Size
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
Dim W3 (LSL-USL)
16mm
13" Dia
13.00
330
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
4.00
100
0.646 +0.078/-0.000
16.4 +2/0
0.882
22.4
0.626 – 0.764
15.9 – 19.4
13" Diameter Option
Dim A
Max
W3
W2 max Measured at Hub
W1 Measured at Hub
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481
rotational and lateral movement requirements (see sketches A, B, and C).
10 deg maximum component rotation
0.9mm
maximum
0.9mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
10 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Side or Front Sectional View)
Component Rotation
User Direction of Feed
SOIC(16lds) Embossed Carrier Tape
Configuration: Figure 3.0
SOIC(16lds) Reel Configuration: Figure 4.0
Dimensions are in millimeter
Pkg type
A0
B0
W
D0
D1
E1
E2
F
P1
P0
K0
T
Wc
Tc
SOIC(16lds)
(16mm)
6.60
+/-0.30
10.35
+/-0.25
16.0
+/-0.3
1.55
+/-0.05
1.60
+/-0.10
1.75
+/-0.10
14.25
min
7.50
+/-0.05
8.0
+/-0.1
4.0
+/-0.1
2.40
+/-0.40
0.450
+/-0.150
13.0
+/-0.3
0.06
+/-0.02
Dim D
min
Dim C
B Min
DETAIL AA
See detail AA
Dim A
max
Dim N


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn