Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17604 Datasheet(PDF) 3 Page - Epson Company

Part # S1C17604
Description  16-bit Single Chip Microcontroller
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17604 Datasheet(HTML) 3 Page - Epson Company

  S1C17604 Datasheet HTML 1Page - Epson Company S1C17604 Datasheet HTML 2Page - Epson Company S1C17604 Datasheet HTML 3Page - Epson Company S1C17604 Datasheet HTML 4Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S1C17624/604/622/602/621
Seiko Epson Corporation
3
Model
S1C17624
S1C17604
S1C17622
S1C17602
S1C17621
Shipping form
1
TQFP15-128pin
TQFP14-100pin
TQFP15-128pin
TQFP14-100pin
2
Die form
3
VFBGA7H-144
Size/pitch
TQFP15-128pin (body size: 14 mm × 14 mm, lead pitch: 0.4 mm)
TQFP14-100pin (body size: 12 mm × 12 mm, lead pitch: 0.4 mm)
VFBGA7H-144 (body size: 7 mm × 7 mm, ball pitch: 0.5 mm)
Die form (pad pitch: 100 μm)
BLOCK DIAGRAM
CPU Core S1C17
Internal RAM
8K/4K bytes (* 1)
Flash memory
128K/64K bytes (*1)
Test circuit
Reset circuit
Power generator
(VD1)
A/D converter
(ADC10)
R/F converter
(RFC)
SVD ci rcuit
(SVD)
LCD driver
(LCD)
Di splay RAM
56/40 bytes (*1)
MISC register
(MISC)
Clock generator
(CLG)
Real-time clock
(RTC) (*2)
8-bit OSC1 timer
(T8OSC1)
Clock tim er
(CT)
Stopwatch timer
(SWT)
Watchdog timer
(WDT)
16-bit PWM timer
(T16E)
16-bit PWM timer
(T16A2) (*2)
IR remote control ler
(REMC)
Interrupt controller
(ITC)
8-bit timer
(T8F)
16-bit timer
(T16)
UART
SPI
I2C master
(I2CM)
I 2C slave
(I2CS)
I/O port (P)/
Port MUX
I/ O 2 (0x5000-)
I/ O 1 (0x4000-)
TEST
(#TEST)
#RESET
EXCL0-2
SIN0-1, SOUT0-1,
SCLK0-1
SDI 0, SDO0,
SPICLK0,
#SPISS0
SDA0, SCL0
P00-07, P10-17,
P20-27, P30-37
P40-47, P50-56 (*1)
REMI, REMO
EXCL5-6,
CAPA5-6, CAPB5-6,
TOUTA5-6, TOUTB5-6
EXCL3, TOUT3, T OUTN3
TOUT4
FOUT1, F OUTH
OSC1-2, OSC3-4
LFRO
SEG 0-55(51)/ 39(35),
COM0-3(7) (*1)
RFIN0-1, REF0-1,
SENA0-1, SENB0-1,
RFCLKO
AI N0-7, #ADTRG
AVDD
VDD, VSS, VD1,
VC1-VC3, CA, CB
DCLK, DST2,
DSIO
16 bits
8/16 bits
32 bits
8/16 bits
SDA1, SCL1,
#BFR
CPU Core S1C17
Internal RAM
8K/4K bytes (* 1)
Flash memory
128K/64K bytes (*1)
Test circuit
Reset circuit
Power generator
(VD1)
A/D converter
(ADC10)
R/F converter
(RFC)
SVD ci rcuit
(SVD)
LCD driver
(LCD)
Di splay RAM
56/40 bytes (*1)
MISC register
(MISC)
Clock generator
(CLG)
Real-time clock
(RTC) (*2)
8-bit OSC1 timer
(T8OSC1)
Clock tim er
(CT)
Stopwatch timer
(SWT)
Watchdog timer
(WDT)
16-bit PWM timer
(T16E)
16-bit PWM timer
(T16A2) (*2)
IR remote control ler
(REMC)
Interrupt controller
(ITC)
8-bit timer
(T8F)
16-bit timer
(T16)
UART
SPI
I2C master
(I2CM)
I 2C slave
(I2CS)
I/O port (P)/
Port MUX
I/ O 2 (0x5000-)
I/ O 1 (0x4000-)
TEST
(#TEST)
#RESET
EXCL0-2
SIN0-1, SOUT0-1,
SCLK0-1
SDI 0, SDO0,
SPICLK0,
#SPISS0
SDA0, SCL0
P00-07, P10-17,
P20-27, P30-37
P40-47, P50-56 (*1)
REMI, REMO
EXCL5-6,
CAPA5-6, CAPB5-6,
TOUTA5-6, TOUTB5-6
EXCL3, TOUT3, T OUTN3
TOUT4
FOUT1, F OUTH
OSC1-2, OSC3-4
LFRO
SEG 0-55(51)/ 39(35),
COM0-3(7) (*1)
RFIN0-1, REF0-1,
SENA0-1, SENB0-1,
RFCLKO
AI N0-7, #ADTRG
AVDD
VDD, VSS, VD1,
VC1-VC3, CA, CB
DCLK, DST2,
DSIO
16 bits
8/16 bits
32 bits
8/16 bits
SDA1, SCL1,
#BFR


Similar Part No. - S1C17604

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17601 EPSON-S1C17601 Datasheet
149Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
More results

Similar Description - S1C17604

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com