Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMPQ6502 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MMPQ6502
Description  Quad NPN & PNP General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MMPQ6502 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Quad NPN & PNP General Purpose Amplifier
MMPQ6502
These complimentary devices can be used in medium power amplifiers, drivers and
switches with collector currents to 500 mA. These devices are best used when
space is the primary consideration. Sourced from Process 19 & 63. See PN2222A
(NPN) & PN2907A (PNP) for characteristics.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current - Continuous
1.0
A
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Symbol
Characteristic
Max
Units
MMPQ6502
PD
Total Device Dissipation
Derate above 25
°C
1000
8.0
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
Effective 4 Die
Each Die
125
240
°C/W
°C/W
C
C
C
C
C
C
C
C
SOIC-16
E
B
E
B
E
B
E
B
 1997 Fairchild Semiconductor Corporation
TRANSIST
TRANSIST
TRANSIST
TRANSIST
TRANSISTOR
OR
OR
OR
OR
TYPE
TYPE
TYPE
TYPE
TYPE
NPN
PNP
C
1
B
1
E
1
&
C
2
B
2
E
2
C
3
B
3
E
3
&
C
4
B
4
E
4
Pin #1
1
1
2
2
3
3
4
4
1
1
2
2
3
3
4
4
MMPQ6502, Rev B


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn