Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-091J-500 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-091J-500
Description  High Speed Digital Isolators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-091J-500 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-091J-500 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-091J-500 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-091J-500 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-091J-500 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-091J-500 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-091J-500 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-091J-500 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-091J-500 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-091J-500 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
HCPL-090J, HCPL-091J and HCPL-092J Narrow Body SOIC-16 Package
Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Capacitance (Input-Output)[1]
C
I-O
pF
f = 1 MHz
Single Channel
1.1
Dual Channel
2.0
Quad Channel
4.0
Thermal Resistance
θ
JCT
°C/W
Thermocouple located at
8-Pin PDIP
54
center underside of package
8-Pin SOIC
144
16-Pin SOIC Narrow Body
41
16-Pin SOIC Wide Body
28
Package Power Dissipation
P
PD
mW
8-Pin PDIP
150
8-Pin SOIC
150
16-Pin SOIC Narrow Body
150
16-Pin SOIC Wide Body
150
Notes:
1. Single and dual channels device are considered two-terminal devices: pins 1-4 shorted and pins 5-8 shorted. Quad channel devices are con-
sidered two-terminal devices: pins 1-8 shorted and pins 9-16 shorted.
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, Avago recommends that all inte-
grated circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from
performance degradation to complete failure.
1
Pin 1 indent
8
0.228 (5.791)
0.244 (6.197)
0.386 (9.802)
0.394 (9.999)
0.152 (3.861)
0.157 (3.988)
0.013 (0.330)
0.020 (0.508)
0.040 (1.016)
0.060 (1.524)
0.040 (1.020)
0.050 (1.270)
0.054 (1.372)
0.072 (1.800)
0.004 (0.102)
0.012 (0.300)
0.016 (0.406)
0.050 (1.270)
0.007 (0.200)
0.013 (0.330)
DIMENSIONS: INCHES (MILLIMETERS) MIN
MAX


Similar Part No. - HCPL-091J-500

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-091J HP-HCPL-091J Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-091J AVAGO-HCPL-091J Datasheet
357Kb / 14P
   High Speed Digital Isolators 15 ns max. propagation delay
More results

Similar Description - HCPL-091J-500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
   High Speed Digital Isolators
logo
Agilent(Hewlett-Packard...
HCPL9000 HP-HCPL9000 Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
   High Speed Digital Isolators
logo
Texas Instruments
ISO7231C-Q1 TI1-ISO7231C-Q1 Datasheet
804Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C_09 Datasheet
691Kb / 25P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7230C-Q1 TI-ISO7230C-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C Datasheet
744Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com