Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY17-2-060E Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part No. CNY17-2-060E
Description  Phototransistor Optocoupler High Collector-Emitter Voltage Type
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

CNY17-2-060E Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  CNY17-2-060E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-060E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-060E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-060E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-060E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-060E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-060E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
CNY17-X-300E
30 seconds
60 ~ 150 sec
90 sec
60 sec
60 sec
25
°C
150
°C
200
°C
250
°C
260
°C (Peak Temperature)
217
°C
Time (sec)
Absolute Maximum Ratings
Storage Temperature, TS
–55˚C to +150˚C
Operating Temperature, TA
–55˚C to +100˚C
Lead Solder Temperature, max.
260˚C for 10 s
(1.6 mm below seating plane)
Average Forward Current, IF
60 mA
Reverse Input Voltage, VR
6 V
Input Power Dissipation, PI
100 mW
Collector Current, IC
150 mA
Collector-Emitter Voltage, VCEO
70 V
Emitter-Collector Voltage, VECO
6 V
Collector-Base Voltage, VCBO
70 V
Collector Power Dissipation
150 mW
Total Power Dissipation
250 mW
Isolation Voltage, Viso
5000 Vrms
(AC for 1 minute, R.H. = 40 ~ 60%)
Solder Reflow Temperature Profile
1) One-timesolderingreflowisrecommendedwithin
theconditionoftemperatureandtimeprofileshown
atright.
2) Whenusinganothersolderingmethodsuchasin-
fraredraylamp,thetemperaturemayrisepartially
inthemoldofthedevice.Keepthetemperatureon
thepackageofthedevicewithintheconditionof(1)
above.
6.5 ± 0.5
(0.256)
DIMENSIONS IN MILLIMETERS AND (INCHES)
7.3 ± 0.5
(0.287)
2.54 ± 0.25
(0.1)
3.5 ± 0.5
(0.138)
7.62 ± 0.3
(0.3)
0.35 +0.15/-0.10
(0.014)
10.16 ± 0.3
(0.4)
1.2 ± 0.1
(0.047)
0.35 ± 0.25
(0.014)
1.0 ± 0.25
(0.039)
ANODE
DATE
CODE
LEAD FREE
A CNY17 -
Y Y WW
MODEL
NO.
Note: Non-halide flux should be used.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn