Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY17-2-060E Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part No. CNY17-2-060E
Description  Phototransistor Optocoupler High Collector-Emitter Voltage Type
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

CNY17-2-060E Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  CNY17-2-060E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-060E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-060E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-060E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-060E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-060E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-060E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Ordering Information
CNY17-xisULRecognizedwith5000Vrmsfor1minuteperUL1577andisapprovedunderCSAComponentAccep-
tanceNotice#5,FileCA88324.
RoHS Compliant Option
-1
-2
-3
-4
40%
63%
100%
160%
Part
<CTR<
<CTR<
<CTR<
<CTR<
Surface Gull
Tape
IEC/EN/DIN
Number
80%
125%
200%
320%
Package
Mount Wing & Reel EN60747-5-2
Quantity
-000E
-000E
-000E
-000E
300mil
65pcs
DIP-6
pertube
-300E
-300E
-300E
-300E
300mil
X
X
65pcs
DIP-6
pertube
-500E
-500E
-500E
-500E
300mil
X
X
X
1000pcs
DIP-6
perreel
-060E
-060E
-060E
-060E
300mil
X
65pcs
DIP-6
pertube
CNY17
-360E
-360E
-360E
-360E
300mil
X
X
X
65pcs
DIP-6
pertube
-560E
-560E
-560E
-560E
300mil
X
X
X
X
1000pcs
DIP-6
perreel
-W00E
-W00E
-W00E
-W00E
400mil
65pcs
DIP-6
pertube
-W60E
-W60E
-W60E
-W60E
400mil
X
65pcs
DIP-6
pertube
Toorder,chooseapartnumberfromthepartnumbercolumnandcombinewiththedesiredoptionfromtheop-
tioncolumntoformanorderentry.
Example1:
CNY17-1-360Etoorderproductof300milDIP-6DCGullWingSurfaceMountpackageinTubepackagingwith
40%<CTR<80%,IEC/EN/DINEN60767-5-2SafetyApprovalandRoHScompliant.
Example2:
CNY17-2-W00Etoorderproductof400milDIP-6DCinTubepackagingwith63%<CTR<125%andRoHScompli-
ant.
Optiondatasheetsareavailable.ContactyourAvagosalesrepresentativeorauthorizeddistributorforinformation.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn