Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY17-2-060E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part No. CNY17-2-060E
Description  Phototransistor Optocoupler High Collector-Emitter Voltage Type
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

CNY17-2-060E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  CNY17-2-060E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-060E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-060E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-060E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-060E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-060E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-060E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
• Highcollector-emittervoltage
(VCEO=70V)
• Highinput-outputisolationvoltage
(Viso=5000Vrms)
• CurrentTransferRatio
(CTR:min.40%atIF=10mA,VCE=5V)
• Responsetime
(tr:typ.,5µsatVCC=10V,IC=2mA,RL=100Ω)
• Dual-in-linepackage
• ULapproved
• CSAapproved
• IEC/EN/DINEN60747-5-2approved
• Optionsavailable:
–Leadswith0.4"(10.16mm)spacing(W00)
–Leadsbendforsurfacemounting(300)
–TapeandreelforSMD(500)
–IEC/EN/DINEN60747-5-2approvals(060)
Description
The CNY17 contains a light emitting diode opti-
cally coupled to a photo-transistor. It is packaged in a
6-pin DIP package and available in wide-lead spacing
option and lead bend SMD option. Collector-emitter
voltage is above 70 V. Response time, tr, is typically
5 µs and minimum CTR is 40% at input current of
10mA.
Applications
• Systemappliances,measuringinstruments
• Signaltransmissionbetweencircuitsofdifferent
potentialsandimpedances
• Feedbackcircuitinpowersupply
Functional Diagram
Schematic
CNY17-x
Phototransistor Optocoupler High Collector-Emitter
Voltage Type
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
1
2
ANODE
CATHODE
VF
+
IF
6
5
4
BASE
COLLECTOR
EMITTER
IC
6
5
4
1
2
3
PIN NO. AND INTERNAL
CONNECTION DIAGRAM
1. ANODE
2. CATHODE
3. NC
4. EMITTER
5. COLLECTOR
6. BASE


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn