Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-0370 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0370
Description  Isolated Voltage/Current Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0370 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0370 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Insulation and Safety Related Specifications
Parameter
Symbol
8-Pin DIP
(300 mil)
Value
SO-8
Value
Units
Conditions
Min.. External Air Gap
(External Clearance)
L(IO1)
7.1
4.9
mm
Measured from input terminals to output
terminals, hortest distance through air
Min.. External Tracking
Path (External Creepage)
L(IO2)
7.4
4.8
mm
Measured from input terminals to output
terminals, shortest distance path along body
Min.. Internal Plastic
Gap (Internal Clearance)
0.08
0.08
mm
Through insulation distance, conductor to
conductor, usually the direct distance between
the photoemitter and photodetector inside the
optocoupler cavity
Tracking Resistance
(Comparative
Tracking Index)
CTI
200
200
V
DIN IEC 112/VDE 0303 PART 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
IEC/EN/DIN EN 60747-5-5 Insulation Related Characteristics[1] (with option 060)
Description
Symbol
HCPL-0370
HCPL-3700/3760 Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤ 150 V rms
for rated mains voltage ≤ 300 V rms
for rated mains voltage ≤ 600 V rms
I-IV
I-IV
I-III
I-IV
I-IV
I-III
Climatic Classification
55/85/21
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
2
Maximum Working Insulation Voltage
V
IORM
567
630
V peak
Input to Output Test Voltage, Method b
V
IORM x 1.875 = VPR, 100% Production Test with tm = 1 sec
Partial Discharge < 5 pC
V
PR
1063
1181
V peak
Input to Output Test Voltage, Method a
V
IORM x 1.6 = VPR, Type and sample test, tm = 10 sec,
Partial Discharge < 5 pC
V
PR
907
1008
V peak
Highest Allowable Overvoltage
(Transient Overvoltage, tini = 60 sec)
V
IOTM
6000
6000
V peak
Safety Limiting Values
(Maximum values allowed in the event of a failure)
Case Temperature
Input Current [2]
Output Power [2]
T
S
I
S,INPUT
P
S,OUTPUT
150
150
600
175
230
600
°C
mA
mW
Insulation Resistance at T
S, VIO = 500 V
R
S
109
109
W
Notes:
1. Insulation characteristics are guaranteed only within the safety maximum ratings, which must be ensured by protective circuits within the
application.
2. Safety-limiting parameters are dependent on case temperature. The Input Current, I
S,INPUT, derates linearly above 25°C free-air case temperature
at a rate of 1.2 mA/°C and 1.53 mA/°C for HCPL-0370 and HCPL-3700/3760 respectively; the Output Power, P
S,OUTPUT, derates linearly above 25°C
free-air case temperature at a rate of 4.8 mW/°C and 4 mW/°C for HCPL-0370 and HCPL-3700/3760 respectively.


Similar Part No. - HCPL-0370

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0370 AVAGO-HCPL-0370 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-0370 AVAGO-HCPL-0370 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
logo
Agilent(Hewlett-Packard...
HCPL-0370-500 HP-HCPL-0370-500 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0370-500E AVAGO-HCPL-0370-500E Datasheet
520Kb / 14P
   Isolated Voltage/Current Detectors
More results

Similar Description - HCPL-0370

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3760-300E AVAGO-HCPL-3760-300E Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760 AVAGO-HCPL-3760 Datasheet
374Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760-500E AVAGO-HCPL-3760-500E Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-0370-500E AVAGO-HCPL-0370-500E Datasheet
520Kb / 14P
   Isolated Voltage/Current Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com