Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSB710QT1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MSB710QT1
Description  PNP General Purpose Amplifier Transistors Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MSB710QT1 Datasheet(HTML) 2 Page - Motorola, Inc

  MSB710QT1 Datasheet HTML 1Page - Motorola, Inc MSB710QT1 Datasheet HTML 2Page - Motorola, Inc MSB710QT1 Datasheet HTML 3Page - Motorola, Inc MSB710QT1 Datasheet HTML 4Page - Motorola, Inc MSB710QT1 Datasheet HTML 5Page - Motorola, Inc MSB710QT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MSB710-QT1 MSB710-RT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Min
Max
Unit
Collector–Emitter Breakdown Voltage
(IC = –10 mAdc, IB = 0)
V(BR)CEO
– 50
Vdc
Collector–Base Breakdown Voltage
(IC = –10 µAdc, IE = 0)
V(BR)CBO
– 60
Vdc
Emitter–Base Breakdown Voltage
(IE = –10 µAdc, IC = 0)
V(BR)EBO
– 7.0
Vdc
Collector–Base Cutoff Current
(VCB = –20 Vdc, IE = 0)
ICBO
– 0.1
µAdc
DC Current Gain(1)
(VCE = –10 Vdc, IC = –150 mAdc)
MSB710–QT1
MSB710–RT1
(VCE = –10 Vdc, IC = 500 mAdc)
hFE1
hFE2
85
120
40
170
240
Collector–Emitter Saturation Voltage
(IC = – 300 mAdc, IB = – 30 mAdc)
VCE(sat)
– 0.6
Vdc
Collector–Base Saturation Voltage
(IC = – 300 mAdc, IB = – 30 mAdc)
VBE(sat)
–1.5
Vdc
Output Capacitance
(VCB = –10 Vdc, IE = 0, f = 1.0 MHz)
Cob
15
pF
1. Pulse Test: Pulse Width
≤ 300 µs, D.C. ≤ 2%.


Similar Part No. - MSB710QT1

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MSB710 ETL-MSB710 Datasheet
75Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSB710-RT1 ONSEMI-MSB710-RT1 Datasheet
80Kb / 6P
   PNP General Purpose Amplifier Transistor Surface Mount
1997
logo
Leshan Radio Company
MSB710-RT1 LRC-MSB710-RT1 Datasheet
38Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
logo
E-Tech Electronics LTD
MSB710-RT1 ETL-MSB710-RT1 Datasheet
75Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSB710-RT1 ONSEMI-MSB710-RT1 Datasheet
38Kb / 2P
   PNP General Purpose Amplifier Transistor Surface Mount
January, 2006 ??Rev. 4
More results

Similar Description - MSB710QT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA1774 ONSEMI-2SA1774 Datasheet
96Kb / 6P
   PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
1996 REV 1
MSB1218A-RT1 ONSEMI-MSB1218A-RT1 Datasheet
106Kb / 6P
   PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
REV 2
logo
Motorola, Inc
MSB1218ART1 MOTOROLA-MSB1218ART1 Datasheet
156Kb / 6P
   PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
ON Semiconductor
MMBT3904WT1 ONSEMI-MMBT3904WT1 Datasheet
296Kb / 12P
   GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
MMBT1010LT1 ONSEMI-MMBT1010LT1 Datasheet
84Kb / 4P
   PNP GENERAL PURPOSE DRIVER TRANSISTORS SURFACE MOUNT
REV 2
logo
Motorola, Inc
MMBT1010LT1 MOTOROLA-MMBT1010LT1 Datasheet
112Kb / 4P
   PNP GENERAL PURPOSE DRIVER TRANSISTORS SURFACE MOUNT
logo
ON Semiconductor
MSB709-RT1 ONSEMI-MSB709-RT1 Datasheet
111Kb / 4P
   PNP General Purpose Amplifier Transistor Surface Mount
REV 3
logo
E-Tech Electronics LTD
MSB709 ETL-MSB709 Datasheet
78Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSB710-RT1G ONSEMI-MSB710-RT1G Datasheet
38Kb / 2P
   PNP General Purpose Amplifier Transistor Surface Mount
January, 2006 ??Rev. 4
logo
Leshan Radio Company
MSB709-RT1 LRC-MSB709-RT1 Datasheet
40Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com