Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSB710QT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MSB710QT1
Description  PNP General Purpose Amplifier Transistors Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MSB710QT1 Datasheet(HTML) 1 Page - Motorola, Inc

  MSB710QT1 Datasheet HTML 1Page - Motorola, Inc MSB710QT1 Datasheet HTML 2Page - Motorola, Inc MSB710QT1 Datasheet HTML 3Page - Motorola, Inc MSB710QT1 Datasheet HTML 4Page - Motorola, Inc MSB710QT1 Datasheet HTML 5Page - Motorola, Inc MSB710QT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
PNP General Purpose Amplifier
Transistors Surface Mount
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector–Base Voltage
V(BR)CBO
– 60
Vdc
Collector–Emitter Voltage
V(BR)CEO
– 50
Vdc
Emitter–Base Voltage
V(BR)EBO
– 7.0
Vdc
Collector Current — Continuous
IC
– 500
mAdc
Collector Current — Peak
IC(P)
–1.0
Adc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
– 55 ~ +150
°C
DEVICE MARKING
Marking Symbol
CQX
MSB710–QT1
CRX
MSB710–RT1
The “X” represents a smaller alpha digit Date Code. The Date Code indicates the actual month
in which the part was manufactured.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MSB710–QT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
MSB710-QT1
MSB710-RT1
*Motorola Preferred Device
*
CASE 318D–03, STYLE 1
SC–59
2
1
3
COLLECTOR
3
2
BASE
1
EMITTER
REV 1


Similar Part No. - MSB710QT1

ManufacturerPart No.DatasheetDescription
E-Tech Electronics LTD
E-Tech Electronics LTD
MSB710 ETL-MSB710 Datasheet
75Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
ON Semiconductor
ON Semiconductor
MSB710-RT1 ONSEMI-MSB710-RT1 Datasheet
80Kb / 6P
   PNP General Purpose Amplifier Transistor Surface Mount
1997
Leshan Radio Company
Leshan Radio Company
MSB710-RT1 LRC-MSB710-RT1 Datasheet
38Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
E-Tech Electronics LTD
E-Tech Electronics LTD
MSB710-RT1 ETL-MSB710-RT1 Datasheet
75Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
ON Semiconductor
ON Semiconductor
MSB710-RT1 ONSEMI-MSB710-RT1 Datasheet
38Kb / 2P
   PNP General Purpose Amplifier Transistor Surface Mount
January, 2006 ??Rev. 4
More results

Similar Description - MSB710QT1

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
2SA1774 ONSEMI-2SA1774 Datasheet
96Kb / 6P
   PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
1996 REV 1
MSB1218A-RT1 ONSEMI-MSB1218A-RT1 Datasheet
106Kb / 6P
   PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
REV 2
Motorola, Inc
Motorola, Inc
MSB1218ART1 MOTOROLA-MSB1218ART1 Datasheet
156Kb / 6P
   PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
ON Semiconductor
ON Semiconductor
MMBT3904WT1 ONSEMI-MMBT3904WT1 Datasheet
296Kb / 12P
   GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
MMBT1010LT1 ONSEMI-MMBT1010LT1 Datasheet
84Kb / 4P
   PNP GENERAL PURPOSE DRIVER TRANSISTORS SURFACE MOUNT
REV 2
Motorola, Inc
Motorola, Inc
MMBT1010LT1 MOTOROLA-MMBT1010LT1 Datasheet
112Kb / 4P
   PNP GENERAL PURPOSE DRIVER TRANSISTORS SURFACE MOUNT
E-Tech Electronics LTD
E-Tech Electronics LTD
MSB709 ETL-MSB709 Datasheet
78Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
Leshan Radio Company
Leshan Radio Company
MSB709-RT1 LRC-MSB709-RT1 Datasheet
40Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
ON Semiconductor
ON Semiconductor
MSB710-RT1G ONSEMI-MSB710-RT1G Datasheet
38Kb / 2P
   PNP General Purpose Amplifier Transistor Surface Mount
January, 2006 ??Rev. 4
MSB709-RT1 ONSEMI-MSB709-RT1 Datasheet
111Kb / 4P
   PNP General Purpose Amplifier Transistor Surface Mount
REV 3
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz