Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBD4148 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. MMBD4148
Description  Small Signal Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBD4148 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MMBD4148 Datasheet HTML 1Page - Fairchild Semiconductor MMBD4148 Datasheet HTML 2Page - Fairchild Semiconductor MMBD4148 Datasheet HTML 3Page - Fairchild Semiconductor MMBD4148 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2004 Fairchild Semiconductor Corporation
MMBD4148/SE/CC/CA, Rev. A1
Typical Characteristics
110
120
130
140
150
1
2
3
5
10
20
30
50
100
Ta= 25 C
Reverse Current, I
R [uA]
0
50
100
150
200
250
300
10
20
30
50
70
100
Ta= 25 C
Reverse Voltage, V
R [V]
250
300
350
400
450
1
2
3
5
10
20
30
50
100
Ta= 25 C
Forward Current, I
F [uA]
450
500
550
600
650
700
0.1
0.2
0.3
0.5
1
2
3
5
10
Ta= 25 C
Forward Current, I
F [m A ]
0.6
0.8
1.0
1.2
1.4
10
20
30
50
100
200
300
500
Ta= 25 C
Forw ard C urrent, I
F [m A ]
0
2
4
6
8
10
12
14
1.0
1.1
1.2
1.3
Ta= 25 C
R e ve rse V oltage [V ]
Figure 1. Reverse Voltage vs Reverse Current
BV - 1.0 to 100uA
Figure 2. Reverse Current vs Reverse Voltage
IR - 10 to 100 V
Figure 3. Forward Voltage vs Forward Current
VF - 1.0 to 100 uA
Figure 4. Forward Voltage vs Forward Current
VF - 0.1 to 10 mA
Figure 5. Forward Voltage vs Forward Current
VF - 10 - 800 mA
Figure 6. Total Capacitance vs Reverse Voltage
°
°
°
°
°
°


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BAT60J SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  5  STMicroelectronics
BAS16HT1G Small Signal Diode 1  2  3  4  5  Fairchild Semiconductor
1N459 Small Signal Diode 1  2  Fairchild Semiconductor
BAT74 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  STMicroelectronics
MMBD2838 Small Signal Diode 1  2  Fairchild Semiconductor
MMBD7000 DUAL SMALL SIGNAL SWITCHING DIODE 1  2  General Semiconductor
1N5711 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  STMicroelectronics
BAT54HT1G Small Signal Diode 1  2  3  4  Fairchild Semiconductor
1N457 Small Signal Diode 1  2  Fairchild Semiconductor
BTA54S2 Small Signal Schottky diode 1  2  3  4  Cystech Electonics Corp.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn