Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBD4148 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MMBD4148
Description  Small Signal Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBD4148 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MMBD4148 Datasheet HTML 1Page - Fairchild Semiconductor MMBD4148 Datasheet HTML 2Page - Fairchild Semiconductor MMBD4148 Datasheet HTML 3Page - Fairchild Semiconductor MMBD4148 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2004 Fairchild Semiconductor Corporation
MMBD4148/SE/CC/CA, Rev. A1
Small Signal Diode
Absolute Maximum Ratings * T
A = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
Thermal Characteristics
Electrical Characteristics T
A=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
100
V
IF(AV)
Average Rectified Forward Current
200
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
Pulse Width = 1.0 microsecond
1.0
2.0
A
A
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
150
°C
Symbol
Parameter
Value
Units
PD
Power Dissipation
350
mW
RθJA
Thermal Resistance, Junction to Ambient
357
°C/W
Symbol
Parameter
Test Conditions
Min.
Max.
Units
VR
Breakdown Voltage
IR = 5.0µA
IR = 100µA
75
100
V
V
VF
Forward Voltage
IF = 10mA
1.0
V
IR
Reverse Leakage Current
VR = 20V
VR = 20V, TA = 150°C
VR =75V
25
50
5.0
nA
µA
µA
CT
Total Capacitance
VR = 0V, f = 1.0MHz
4.0
pF
trr
Reverse Recovery Time
IF = 10mA, VR = 6.0V,
IRR = 1.0mA, RL = 100Ω
4.0
ns
MMBD4148/SE/CC/CA
Connection Diagram
3
1
12
3
5H
2
1
2
3
SOT-23
3
1
2
3
1
2
1
3
4148
4148SE
4148CA
4148CC
MMBD4148
MMBD4148CC
5H
D5
MMBD4148CA
MMBD4148SE
D6
D4
MARKING


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BAT60J SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  5  STMicroelectronics
BAS16HT1G Small Signal Diode 1  2  3  4  5  Fairchild Semiconductor
1N459 Small Signal Diode 1  2  Fairchild Semiconductor
BAT74 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  STMicroelectronics
MMBD2838 Small Signal Diode 1  2  Fairchild Semiconductor
MMBD7000 DUAL SMALL SIGNAL SWITCHING DIODE 1  2  General Semiconductor
1N5711 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  STMicroelectronics
BAT54HT1G Small Signal Diode 1  2  3  4  Fairchild Semiconductor
1N457 Small Signal Diode 1  2  Fairchild Semiconductor
BTA54S2 Small Signal Schottky diode 1  2  3  4  Cystech Electonics Corp.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn