Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBD4148 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. MMBD4148
Description  Small Signal Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBD4148 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MMBD4148 Datasheet HTML 1Page - Fairchild Semiconductor MMBD4148 Datasheet HTML 2Page - Fairchild Semiconductor MMBD4148 Datasheet HTML 3Page - Fairchild Semiconductor MMBD4148 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
©2004 Fairchild Semiconductor Corporation
MMBD4148/SE/CC/CA, Rev. A1
Typical Characteristics (continued)
10
20
30
40
50
60
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Ta= 25 C
Reverse Current [mA]
0
50
100
150
0
100
200
300
400
I
F(AV) - A
VERA
GE
RE
CT
IFIE
D CUR
RE
NT
- m
A
Ambient Temperature, T
A [
C]
0
50
100
150
200
0
100
200
300
400
500
DO-35 Pkg
SOT-23 Pkg
A verage T em perature, I
O [
C ]
Figure 7. Reverse Recovery Time
vs Reverse Current
TRR - IR 10 mA vs 60 mA
Figure 8. Average Rectified Current (I
F(AV))
versus Ambient Temperature (T
A)
Figure 9. Power Derating Curve
°
°
°


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BAT60J SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  5  STMicroelectronics
BAS16HT1G Small Signal Diode 1  2  3  4  5  Fairchild Semiconductor
1N459 Small Signal Diode 1  2  Fairchild Semiconductor
BAT74 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  STMicroelectronics
MMBD2838 Small Signal Diode 1  2  Fairchild Semiconductor
MMBD7000 DUAL SMALL SIGNAL SWITCHING DIODE 1  2  General Semiconductor
1N5711 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  STMicroelectronics
BAT54HT1G Small Signal Diode 1  2  3  4  Fairchild Semiconductor
1N457 Small Signal Diode 1  2  Fairchild Semiconductor
BTA54S2 Small Signal Schottky diode 1  2  3  4  Cystech Electonics Corp.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn