Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBD2838 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MMBD2838
Description  Small Signal Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBD2838 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MMBD2838 Datasheet HTML 1Page - Fairchild Semiconductor MMBD2838 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBD2838, Rev. A
MMBD2838
Small Signal Diode
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
2002 Fairchild Semiconductor Corporation
3
1
2
SOT-23
1
2
3
A6.
Absolute Maximum Ratings*
T
A = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
V
RRM
Maximum Repetitive Reverse Voltage
75
V
I
F(AV)
Average Rectified Forward Current
200
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
Pulse Width = 1.0 microsecond
1.0
2.0
A
A
T
stg
Storage Temperature Range
-55 to +150
°C
T
J
Operating Junction Temperature
-55 to +150
°C
Thermal Characteristics
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
P
D
Power Dissipation
350
mW
RθJA
Thermal Resistance, Junction to Ambient
357
°C/W
Symbol
Parameter
Test Conditions
Min
Max
Units
V
R
Breakdown Voltage
I
R = 100 µA
75
V
V
F
Forward Voltage
I
F = 50 mA
I
F = 100 mA
1.0
1.2
V
V
I
R
Reverse Current
V
R = 50 V
100
nA
C
T
Total Capacitance
V
R = 0, f = 1.0 MHz
4.0
pF
t
rr
Reverse Recovery Time
I
F = IR = 10 mA, IRR = 1.0 mA,
R
L = 100 Ω
4.0
ns
Connection Diagram
12
3


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BAT60J SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  5  STMicroelectronics
BAS16HT1G Small Signal Diode 1  2  3  4  5  Fairchild Semiconductor
1N459 Small Signal Diode 1  2  Fairchild Semiconductor
BAT74 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  STMicroelectronics
MMBD7000 DUAL SMALL SIGNAL SWITCHING DIODE 1  2  General Semiconductor
1N5711 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  STMicroelectronics
BAT54HT1G Small Signal Diode 1  2  3  4  Fairchild Semiconductor
1N457 Small Signal Diode 1  2  Fairchild Semiconductor
MMBD4148 Small Signal Diode 1  2  3  4  Fairchild Semiconductor
BTA54S2 Small Signal Schottky diode 1  2  3  4  Cystech Electonics Corp.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn