Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4705 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI4705
Description  Worldwide FM band support (64-108 MHz) integrated antenna support EN55020 compliant
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4705 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI4705 Datasheet HTML 6Page - Silicon Laboratories SI4705 Datasheet HTML 7Page - Silicon Laboratories SI4705 Datasheet HTML 8Page - Silicon Laboratories SI4705 Datasheet HTML 9Page - Silicon Laboratories SI4705 Datasheet HTML 10Page - Silicon Laboratories SI4705 Datasheet HTML 11Page - Silicon Laboratories SI4705 Datasheet HTML 12Page - Silicon Laboratories SI4705 Datasheet HTML 13Page - Silicon Laboratories SI4705 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Si4704/05-C40
10
Rev. 1.0
Figure 6. SPI Control Interface Write Timing Parameters
Figure 7. SPI Control Interface Read Timing Parameters
Table 7. SPI Control Interface Characteristics
(VDD = 2.7 to 5.5 V, VIO = 1.85 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
SCLK Frequency
fCLK
0—
2.5
MHz
SCLK High Time
tHIGH
25
ns
SCLK Low Time
tLOW
25
ns
SDIO Input, SEN to SCLK
Setup
tS
15
ns
SDIO Input to SCLK
Hold
tHSDIO
10
ns
SEN Input to SCLK
Hold
tHSEN
5—
ns
SCLK
to SDIO Output Valid
tCDV
Read
2
25
ns
SCLK
to SDIO Output High Z
tCDZ
Read
2
25
ns
SCLK, SEN, SDIO, Rise/Fall time
tR
tF
10
ns
Note: When selecting SPI mode, the user must ensure that a rising edge of SCLK does not occur within 300 ns before the
rising edge of RST.
SCLK
70%
30%
SEN
70%
30%
SDIO
C7
C0
70%
30%
tS
C6–C1
Control Byte In
8 Data Bytes In
D7
D6–D1
D0
tS
tHSDIO
tHIGH
tLOW
tHSEN
tF
tR
Bus
Turnaround
SCLK
70%
30%
SEN
70%
30%
SDIO 70%
30%
tHSDIO
Control Byte In
C7
C0
C6–C1
tS
tHSEN
tS
tCDZ
tCDV
16 Data Bytes Out
(SDIO or GPO1)
D7
D6–D1
D0


Similar Part No. - SI4705

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4705 ETC2-SI4705 Datasheet
199Kb / 2P
   Enhanced Broadcast FM Radio Receiver for Portable Applications
logo
Silicon Laboratories
SI4705 SILABS-SI4705 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4705 SILABS-SI4705 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4705 SILABS-SI4705 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Si4705 SILABS-Si4705 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

Similar Description - SI4705

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI476X SILABS-SI476X Datasheet
51Kb / 2P
   Worldwide FM band support (64-108 MHz) AM/FM HDR support Worldwide AM band support
logo
Skyworks Solutions Inc.
SKY77521 SKYWORKS-SKY77521 Datasheet
81Kb / 2P
   Triple band WCDMA antenna switch support
SKY77558 SKYWORKS-SKY77558 Datasheet
613Kb / 2P
   Tx-Rx FEM fot Quad-Band GSM/GPRS/EDGE 6-Band Antenna Support
logo
Tyco Electronics
ETC64-1T-1 MACOM-ETC64-1T-1 Datasheet
101Kb / 1P
   E-Series RF 64:1Transformer 30 - 108 MHz
logo
Skyworks Solutions Inc.
SKY77576-11 SKYWORKS-SKY77576-11 Datasheet
85Kb / 2P
   Tx-Rx Front-End Module for Quad-Band GSM / GPRS with 4-Band Antenna Switch Support
logo
Molex Electronics Ltd.
69008-1084 MOLEX11-69008-1084 Datasheet
36Kb / 1P
   Support Plate
logo
Wurth Elektronik GmbH &...
709670100 WURTH-709670100 Datasheet
114Kb / 1P
   SPACER SUPPORT
709656000 WURTH-709656000 Datasheet
104Kb / 1P
   SPACER SUPPORT
logo
AAEON Technology
IMBM-Q170A AAEON-IMBM-Q170A Datasheet
375Kb / 2P
   tpm support
logo
Molex Electronics Ltd.
0690081084 MOLEX11-0690081084 Datasheet
36Kb / 1P
   Support Plate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com