Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4704 Datasheet(PDF) 30 Page - Silicon Laboratories

Part # SI4704
Description  Worldwide FM band support (64-108 MHz) integrated antenna support EN55020 compliant
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4704 Datasheet(HTML) 30 Page - Silicon Laboratories

Back Button SI4704 Datasheet HTML 26Page - Silicon Laboratories SI4704 Datasheet HTML 27Page - Silicon Laboratories SI4704 Datasheet HTML 28Page - Silicon Laboratories SI4704 Datasheet HTML 29Page - Silicon Laboratories SI4704 Datasheet HTML 30Page - Silicon Laboratories SI4704 Datasheet HTML 31Page - Silicon Laboratories SI4704 Datasheet HTML 32Page - Silicon Laboratories SI4704 Datasheet HTML 33Page - Silicon Laboratories SI4704 Datasheet HTML 34Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Si4704/05-C40
30
Rev. 1.0
9. Package Outline: Si4704/05-GM
Figure 16 illustrates the package details for the Si4704/05. Table 15 lists the values for the dimensions shown in
the illustration.
Figure 16. 20-Pin Quad Flat No-Lead (QFN)
Table 15. Package Dimensions
Symbol
Millimeters
Symbol
Millimeters
Min
Nom
Max
Min
Nom
Max
A
0.50
0.55
0.60
f
2.53 BSC
A1
0.00
0.02
0.05
L
0.35
0.40
0.45
b
0.200.250.30
L1
0.00
0.10
c
0.27
0.32
0.37
aaa
0.05
D
3.00 BSC
bbb
0.05
D2
1.65
1.70
1.75
ccc
0.08
e
0.50 BSC
ddd
0.10
E
3.00 BSC
eee
0.10
E2
1.65
1.70
1.75
Notes:
1. All dimensions are shown in millimeters (mm) unless otherwise noted.
2. Dimensioning and tolerancing per ANSI Y14.5M-1994.


Similar Part No. - SI4704

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4704 ETC2-SI4704 Datasheet
199Kb / 2P
   Enhanced Broadcast FM Radio Receiver for Portable Applications
logo
Silicon Laboratories
SI4704 SILABS-SI4704 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4704 SILABS-SI4704 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4704 SILABS-SI4704 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Si4704 SILABS-Si4704 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

Similar Description - SI4704

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI476X SILABS-SI476X Datasheet
51Kb / 2P
   Worldwide FM band support (64-108 MHz) AM/FM HDR support Worldwide AM band support
logo
Skyworks Solutions Inc.
SKY77521 SKYWORKS-SKY77521 Datasheet
81Kb / 2P
   Triple band WCDMA antenna switch support
SKY77558 SKYWORKS-SKY77558 Datasheet
613Kb / 2P
   Tx-Rx FEM fot Quad-Band GSM/GPRS/EDGE 6-Band Antenna Support
logo
Tyco Electronics
ETC64-1T-1 MACOM-ETC64-1T-1 Datasheet
101Kb / 1P
   E-Series RF 64:1Transformer 30 - 108 MHz
logo
Skyworks Solutions Inc.
SKY77576-11 SKYWORKS-SKY77576-11 Datasheet
85Kb / 2P
   Tx-Rx Front-End Module for Quad-Band GSM / GPRS with 4-Band Antenna Switch Support
logo
Molex Electronics Ltd.
69008-1084 MOLEX11-69008-1084 Datasheet
36Kb / 1P
   Support Plate
logo
Wurth Elektronik GmbH &...
709670100 WURTH-709670100 Datasheet
114Kb / 1P
   SPACER SUPPORT
709656000 WURTH-709656000 Datasheet
104Kb / 1P
   SPACER SUPPORT
logo
AAEON Technology
IMBM-Q170A AAEON-IMBM-Q170A Datasheet
375Kb / 2P
   tpm support
logo
Molex Electronics Ltd.
0690081084 MOLEX11-0690081084 Datasheet
36Kb / 1P
   Support Plate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com