Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4020 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI4020
Description  Fully integrated (Iow BOM, easy design-in) No alignment required in production Fast settling, programmable, high-resolution PLL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4020 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI4020 Datasheet HTML 1Page - Silicon Laboratories SI4020 Datasheet HTML 2Page - Silicon Laboratories SI4020 Datasheet HTML 3Page - Silicon Laboratories SI4020 Datasheet HTML 4Page - Silicon Laboratories SI4020 Datasheet HTML 5Page - Silicon Laboratories SI4020 Datasheet HTML 6Page - Silicon Laboratories SI4020 Datasheet HTML 7Page - Silicon Laboratories SI4020 Datasheet HTML 8Page - Silicon Laboratories SI4020 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Si4020
2
DETAILED DESCRIPTION
The Si4020 FSK transmitter is designed to cover the unlicensed
frequency bands at 315, 433, 868, and 915 MHz. The device
facilitates compliance with FCC and ETSI requirements.
PLL
The programmable PLL synthesizer determines the operating
frequency, while preserving accuracy based on the on-chip
crystal-controlled reference oscillator. The PLL’s high resolution
allows the usage of multiple channels in any of the bands. The
FSK deviation is selectable (from 30 to 240 kHz with 30 kHz
increments) to accommodate various bandwidth, data rate and
crystal tolerance requirements, and it is also highly accurate due
to the direct closed-loop modulation of the PLL. The transmitted
digital data can be sent asynchronously through the FSK pin or
over the control interface using the appropriate command.
The RF VCO in the PLL performs automatic calibration, which
requires only a few microseconds. To ensure proper operation in
the programmed frequency band, the RF VCO is automatically
calibrated upon activation of the synthesizer. If temperature or
supply voltage change significantly or operational band has
changed, VCO recalibration is recommended.. Recalibration can
be initiated at any time by switching the synthesizer off and back
on again.
RF Power Amplifier (PA)
The power amplifier has an open-collector differential output and
can directly drive a loop antenna with a programmable output
power level. An automatic antenna tuning circuit is built in to
avoid costly trimming procedures and the so-called “hand effect.”
The transmitters can operate in On-Off Keying (OOK) mode by
switching the power amplifier on and off. When the appropriate
control bit is set using the Power Setting Command, the FSK pin
becomes an enable input (active high) for the power amplifier.
Crystal Oscillator
The chip has a single-pin crystal oscillator circuit, which provides
a 10 MHz reference signal for the PLL. To reduce external parts
and simplify design, the crystal load capacitor is internal and
programmable. Guidelines for selecting the appropriate crystal
can be found later in this datasheet.
The transmitters can supply the clock signal for the
microcontroller, so accurate timing is possible without the need
for a second crystal. When the chip receives a Sleep Command
from the microcontroller and turns itself off, it provides several
further clock pulses (“clock tail”) for the microcontroller to be
able to go to idle or sleep mode. The length of the clock tail is
programmable.
Low Battery Voltage Detector
The low battery voltage detector circuit monitors the supply
voltage and generates an interrupt if it falls below a
programmable threshold level. The detector circuit has 50 mV
hysteresis.
Wake-Up Timer
The wake-up timer has very low current consumption (1.5 uA
typical) and can be programmed from 1 ms to several days with
an accuracy of ±5%.
It calibrates itself to the crystal oscillator at every startup. When
the oscillator is switched off, the calibration circuit switches on
the crystal oscillator only long enough for a quick calibration (a
few milliseconds) to facilitate accurate wake-up timing.
Event Handling
In order to minimize current consumption, the device supports
sleep mode. Active mode can be initiated by several wake-up
events: timeout of wake-up timer, detection of low supply
voltage, pressing any of the four push-button inputs, or through
the serial interface. The push-button inputs can be driven by a
logic signal from a microcontroller or controlled directly by
normally open switches. Pull-up resistors are integrated.
If any wake-up event occurs, the wake-up logic generates an
interrupt, which can be used to wake up the microcontroller,
effectively reducing the period the microcontroller has to be
active. The cause of the interrupt can be read out from the
transmitters by the microcontroller through the nIRQ pin.
Interface
An SPI compatible serial interface lets the user select the
operating frequency band and center frequency of the
synthesizer, polarity and deviation of FSK modulation, and output
power level. Division ratio for the microcontroller clock, wake-up
timer period, and low battery detector threshold are also
programmable. Any of these auxiliary functions can be disabled
when not needed. All parameters are set to default after power-
on; the programmed values are retained during sleep mode.
EEPROM Mode
In simple applications, the on-chip digital controller provides the
transmitters with direct interface to a serial (SPI) EEPROM. In this
case, no external microcontroller is necessary. Wake-up events
initiate automatic readout of the assigned command sequence
from EEPROM memory. For every event, there is a dedicated
starting address available in the EEPROM.
Programming the EEPROM is very simple. Any control command
can be programmed in the EEPROM sequentially (same as in
microcontroller mode).
The internal power-on reset (POR) is a dedicated event, which
can be used to program the basic settings of the transmitters. In
this case the chip starts to read out the preprogrammed data
from the 00h address in EEPROM. Data can be transmitted with
the help of the Data Transmit Command, which tells the
transmitters how many bytes must be transmitted. The whole
process finishes with a Sleep Command.


Similar Part No. - SI4020

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4021 SILABS-SI4021 Datasheet
1Mb / 35P
   Automatic antenna tuning circuit
SI4022 SILABS-SI4022 Datasheet
650Kb / 22P
   Programmable output power level
More results

Similar Description - SI4020

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4322 SILABS-SI4322 Datasheet
298Kb / 22P
   No alignment required in production
SI4420 SILABS-SI4420 Datasheet
1Mb / 33P
   No alignment required in production
logo
Murata Manufacturing Co...
SFSKB2M30GF00-R1 MURATA-SFSKB2M30GF00-R1 Datasheet
209Kb / 3P
   No frequency adjustment is required in production process
SFSKB4M80GF00-R1 MURATA-SFSKB4M80GF00-R1 Datasheet
205Kb / 3P
   No frequency adjustment is required in production process
SFSKB3M80GF00-R1 MURATA-SFSKB3M80GF00-R1 Datasheet
206Kb / 3P
   No frequency adjustment is required in production process
SFSKB5M70GF00-R1 MURATA-SFSKB5M70GF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB2M80GF00-R1 MURATA-SFSKB2M80GF00-R1 Datasheet
217Kb / 3P
   No frequency adjustment is required in production process
SFSKB3M20FF00-R1 MURATA-SFSKB3M20FF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB4M30GF00-R1 MURATA-SFSKB4M30GF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB5M20GF00-R1 MURATA-SFSKB5M20GF00-R1 Datasheet
207Kb / 3P
   No frequency adjustment is required in production process
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com