Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4020 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI4020
Description  Fully integrated (Iow BOM, easy design-in) No alignment required in production Fast settling, programmable, high-resolution PLL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4020 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI4020 Datasheet HTML 6Page - Silicon Laboratories SI4020 Datasheet HTML 7Page - Silicon Laboratories SI4020 Datasheet HTML 8Page - Silicon Laboratories SI4020 Datasheet HTML 9Page - Silicon Laboratories SI4020 Datasheet HTML 10Page - Silicon Laboratories SI4020 Datasheet HTML 11Page - Silicon Laboratories SI4020 Datasheet HTML 12Page - Silicon Laboratories SI4020 Datasheet HTML 13Page - Silicon Laboratories SI4020 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Si4020
10
TYPICAL PERFORMANCE DATA
Unmodulated RF Spectrum
The output spectrum is measured at different frequencies. The output is loaded with 50 Ohms through a matching network.
15:18:59 Oct 29, 2003
Ref -10 dBm
#Atten 5 dB
Mkr1 434.0630 MHz
-23.41 dBm
Samp
Log
10
dB/
VAvg
100
W1 S2
S3 FC
AA
Center 434.1 MHz
z
H
k
0
1
W
B
V
z
H
k
0
1
W
B
s
e
R
Span 2 MHz
Sweep 40.74 ms (2001 pts)
1
15:20:49 Oct 29, 2003
Ref -10 dBm
#Atten 5 dB
Mkr1 868.0680 MHz
-23.23 dBm
Samp
Log
10
dB/
VAvg
100
W1 S2
S3 FC
AA
Center 868.1 MHz
z
H
k
0
1
W
B
V
z
H
k
0
1
W
B
s
e
R
Span 2 MHz
Swee p 40.74 ms (2001 pts)
1
15:37:47 Dec 15, 2003
Ref -10 dBm
Atten 5 dB
Mkr1 315.0010 MHz
-22.7 dBm
Samp
Log
10
dB/
VAvg
100
W1 S2
S3 FC
AA
Center 315 MHz
z
H
k
0
1
W
B
V
z
H
k
0
1
W
B
s
e
R
Span 2 MHz
Sweep 40.74 ms (2001 pts)
1
15:28:02 Dec 15, 2003
Ref -10 dBm
Atten 5 dB
Mkr1 915.0000 MHz
-24.63 dBm
Samp
Log
10
dB/
VAvg
100
W1 S2
S3 FC
AA
Center 915 MHz
z
H
k
0
1
W
B
V
z
H
k
0
1
W
B
s
e
R
Span 2 MHz
Sweep 40.74 ms (2001 pts)
1
At 315 MHz
At 433 MHz
At 868 MHz
At 915 MHz


Similar Part No. - SI4020

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4021 SILABS-SI4021 Datasheet
1Mb / 35P
   Automatic antenna tuning circuit
SI4022 SILABS-SI4022 Datasheet
650Kb / 22P
   Programmable output power level
More results

Similar Description - SI4020

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4322 SILABS-SI4322 Datasheet
298Kb / 22P
   No alignment required in production
SI4420 SILABS-SI4420 Datasheet
1Mb / 33P
   No alignment required in production
logo
Murata Manufacturing Co...
SFSKB2M30GF00-R1 MURATA-SFSKB2M30GF00-R1 Datasheet
209Kb / 3P
   No frequency adjustment is required in production process
SFSKB4M80GF00-R1 MURATA-SFSKB4M80GF00-R1 Datasheet
205Kb / 3P
   No frequency adjustment is required in production process
SFSKB3M80GF00-R1 MURATA-SFSKB3M80GF00-R1 Datasheet
206Kb / 3P
   No frequency adjustment is required in production process
SFSKB5M70GF00-R1 MURATA-SFSKB5M70GF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB2M80GF00-R1 MURATA-SFSKB2M80GF00-R1 Datasheet
217Kb / 3P
   No frequency adjustment is required in production process
SFSKB3M20FF00-R1 MURATA-SFSKB3M20FF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB4M30GF00-R1 MURATA-SFSKB4M30GF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB5M20GF00-R1 MURATA-SFSKB5M20GF00-R1 Datasheet
207Kb / 3P
   No frequency adjustment is required in production process
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com