Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3201-FS Datasheet(PDF) 78 Page - Silicon Laboratories

Part # SI3201-FS
Description  Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3201-FS Datasheet(HTML) 78 Page - Silicon Laboratories

Back Button SI3201-FS Datasheet HTML 74Page - Silicon Laboratories SI3201-FS Datasheet HTML 75Page - Silicon Laboratories SI3201-FS Datasheet HTML 76Page - Silicon Laboratories SI3201-FS Datasheet HTML 77Page - Silicon Laboratories SI3201-FS Datasheet HTML 78Page - Silicon Laboratories SI3201-FS Datasheet HTML 79Page - Silicon Laboratories SI3201-FS Datasheet HTML 80Page - Silicon Laboratories SI3201-FS Datasheet HTML 81Page - Silicon Laboratories SI3201-FS Datasheet HTML 82Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 148 page
background image
Si3210/Si3211
78
Rev. 1.61
Reset settings = 0000_0000
Register 20. Interrupt Status 3
Bit
D7D6D5D4D3D2
D1D0
Name
CMCP
INDP
DTMFP
Type
R/W
R/W
R/W
Bit
Name
Function
7:3
Reserved
Read returns zero.
2CMCP
Common Mode Calibration Error Interrupt.
This bit is set when off-hook/on-hook status changes during the common mode balance
calibration. Writing 1 to this bit clears a pending interrupt.
0 = No interrupt pending.
1 = Interrupt pending.
1INDP
Indirect Register Access Serviced Interrupt.
This bit is set once a pending indirect register service request has been completed. Writ-
ing 1 to this bit clears a pending interrupt.
0 = No interrupt pending.
1 = Interrupt pending.
0
DTMFP
DTMF Tone Detected Interrupt.
Writing 1 to this bit clears a pending interrupt.
0 = No interrupt pending.
1 = Interrupt pending.


Similar Part No. - SI3201-FS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3201-FS SILABS-SI3201-FS Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3201-FS SILABS-SI3201-FS Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
Si3201-FS SILABS-Si3201-FS Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
More results

Similar Description - SI3201-FS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809-1 LINER-LTC3809-1 Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
logo
Analog Devices
ADP1829 AD-ADP1829 Datasheet
691Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. 0
ADP1823 AD-ADP1823 Datasheet
676Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. A
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
logo
Maxim Integrated Produc...
MAX20800 MAXIM-MAX20800_V01 Datasheet
1,010Kb / 9P
   MPP Tracking DC-DC Converter
19-8575; Rev 4; 2/18
logo
Linear Technology
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
logo
Analog Devices
ADP1822 AD-ADP1822_15 Datasheet
363Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. D
ADP1822 AD-ADP1822 Datasheet
447Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com