Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3208 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI3208
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3208 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI3208 Datasheet HTML 5Page - Silicon Laboratories SI3208 Datasheet HTML 6Page - Silicon Laboratories SI3208 Datasheet HTML 7Page - Silicon Laboratories SI3208 Datasheet HTML 8Page - Silicon Laboratories SI3208 Datasheet HTML 9Page - Silicon Laboratories SI3208 Datasheet HTML 10Page - Silicon Laboratories SI3208 Datasheet HTML 11Page - Silicon Laboratories SI3208 Datasheet HTML 12Page - Silicon Laboratories SI3208 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Si3226/7
Si3208/9
Preliminary Rev. 0.33
9
Loop Current
Sense Accuracy
Accuracy of boundaries for
each output code;
ILOOP =18 mA
—7
10
%
Power Alarm
Threshold Accuracy
Power Threshold = 300 mW
25
%
Table 6. Monitor ADC Characteristics
(VDD = 3.13 to 3.47 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Differential Nonlinearity
(8-bit resolution)
DNLE
1
LSB
Integral Nonlinearity
(8-bit resolution)
INLE
1
LSB
Gain Error
5
%
Table 7. Si3208/Si3209 Characteristics
(VDD = 3.13 to 3.47 V, VBAT = –15 to –130 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
TIP/RING Pull-down Transistor
Saturation Voltage
VCM
VRING – VBAT (Forward)
VTIP – VBAT (Reverse)
VAC =2.5 VPK
IOUT =22mA
IOUT =60mA
3
3.5
V
V
TIP/RING Pull-up Transistor
Saturation Voltage
VOV
GND – VTIP (Forward)
GND – VRING (Reverse)
VAC =2.5 VPK
IOUT =22mA
IOUT =60mA
3
3.5
V
V
OPEN State TIP/RING Leakage Current
ILKG
RL =0Ω⎯
150
µA
Table 5. Linefeed Characteristics (Continued)
(VDD = 3.13 to 3.47 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
*Note: Ringing amplitude is set for 93 V peak and measured at TIP-RING using no series protection resistance.


Similar Part No. - SI3208

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3208 SILABS-SI3208 Datasheet
208Kb / 2P
   Dual ProSLIC짰 with DC-DC Controller
More results

Similar Description - SI3208

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9216A AGERE-L9216A Datasheet
1Mb / 48P
   Short-Loop Ringing SLIC with Ground Start
logo
Systemsensor advanced i...
RR2 SYSTEMSENSOR-RR2 Datasheet
220Kb / 2P
   Polarity Reversal Relay Module
logo
Pulse A Technitrol Comp...
W3214 PULSE-W3214 Datasheet
820Kb / 14P
   868MHz On Ground Ceramic SMD Loop Antenna
logo
MERITEK ELECTRONICS COR...
NP MERITEK-NP Datasheet
947Kb / 6P
   Standard non polarity series for using in polarity reversal circuits
logo
Source Photonics, Inc.
SPPS-27-48F-N2-IDFA SOURCE-SPPS-27-48F-N2-IDFA Datasheet
764Kb / 10P
   Sleep Mode for Power Consumption
logo
List of Unclassifed Man...
C20C20 ETC2-C20C20 Datasheet
564Kb / 2P
   Seams continuously welded and ground smooth; no holes or knockouts
logo
PANDUIT CORP.
HLT2I-X0 PANDUIT-HLT2I-X0 Datasheet
715Kb / 4P
   Hook and Loop Cable Ties
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
logo
IXYS Corporation
AN-112 IXYS-AN-112 Datasheet
117Kb / 3P
   Ground-Start Supervision Circuit
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com