Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3211-E-GT Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI3211-E-GT
Description  Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3211-E-GT Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI3211-E-GT Datasheet HTML 6Page - Silicon Laboratories SI3211-E-GT Datasheet HTML 7Page - Silicon Laboratories SI3211-E-GT Datasheet HTML 8Page - Silicon Laboratories SI3211-E-GT Datasheet HTML 9Page - Silicon Laboratories SI3211-E-GT Datasheet HTML 10Page - Silicon Laboratories SI3211-E-GT Datasheet HTML 11Page - Silicon Laboratories SI3211-E-GT Datasheet HTML 12Page - Silicon Laboratories SI3211-E-GT Datasheet HTML 13Page - Silicon Laboratories SI3211-E-GT Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 148 page
background image
Si3210/Si3211
10
Rev. 1.61
Table 4. Linefeed Characteristics
(VDDA, VDDD = 3.13 to 5.25 V, TA = 0 to 70°C for F-Grade, –40 to 85°C for G-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Loop Resistance Range*
RLOOP
See *Note.
0
160
DC Loop Current Accuracy
ILIM = 29 mA, ETBA = 4 mA
–10
10
%
DC Open Circuit Voltage
Accuracy
Active Mode; VOC =48V,
VTIP – VRING
–4
4
V
DC Differential Output
Resistance
RDO
ILOOP < ILIM
—160
DC Open Circuit Voltage—
Ground Start
VOCTO
IRING<ILIM; VRING wrt ground
VOC =48 V
–4
4
V
DC Output Resistance—
Ground Start
RROTO
IRING<ILIM; RING to ground
—160
DC Output Resistance—
Ground Start
RTOTO
TIP to ground
150
k
Loop Closure/Ring Ground
Detect Threshold Accuracy
ITHR = 11.43 mA
–20
20
%
Ring Trip Threshold
Accuracy
ITHR = 40.64 mA
–10
10
%
Ring Trip Response Time
User Programmable Register 70
and Indirect Register 36
———
Ring Amplitude
VTR
5 REN load; sine wave;
RLOOP =160 VBAT = –75 V
44
Vrms
Ring DC Offset
ROS
Programmable in Indirect
Register 19
0—
V
Trapezoidal Ring Crest
Factor Accuracy
Crest factor = 1.3
–.05
.05
Sinusoidal Ring Crest
Factor
RCF
1.35
1.45
Ringing Frequency Accuracy
f = 20 Hz
–1
1
%
Ringing Cadence Accuracy
Accuracy of ON/OFF Times
–50
50
ms
Calibration Time
CAL to CAL Bit
600
ms
Power Alarm Threshold
Accuracy
At Power Threshold = 300 mW
–25
25
%
*Note:
DC resistance round trip; 160
corresponds to 2 kft, 26 gauge AWG.


Similar Part No. - SI3211-E-GT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3211-BT ETC-SI3211-BT Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3211-KT ETC-SI3211-KT Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
More results

Similar Description - SI3211-E-GT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809-1 LINER-LTC3809-1 Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
logo
Analog Devices
ADP1829 AD-ADP1829 Datasheet
691Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. 0
ADP1823 AD-ADP1823 Datasheet
676Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. A
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
logo
Maxim Integrated Produc...
MAX20800 MAXIM-MAX20800_V01 Datasheet
1,010Kb / 9P
   MPP Tracking DC-DC Converter
19-8575; Rev 4; 2/18
logo
Linear Technology
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
logo
Analog Devices
ADP1822 AD-ADP1822_15 Datasheet
363Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. D
ADP1822 AD-ADP1822 Datasheet
447Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com