Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3210-E-FM Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI3210-E-FM
Description  Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3210-E-FM Datasheet(HTML) 5 Page - Silicon Laboratories

  SI3210-E-FM Datasheet HTML 1Page - Silicon Laboratories SI3210-E-FM Datasheet HTML 2Page - Silicon Laboratories SI3210-E-FM Datasheet HTML 3Page - Silicon Laboratories SI3210-E-FM Datasheet HTML 4Page - Silicon Laboratories SI3210-E-FM Datasheet HTML 5Page - Silicon Laboratories SI3210-E-FM Datasheet HTML 6Page - Silicon Laboratories SI3210-E-FM Datasheet HTML 7Page - Silicon Laboratories SI3210-E-FM Datasheet HTML 8Page - Silicon Laboratories SI3210-E-FM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 148 page
background image
Si3210/Si3211
Rev. 1.61
5
2-Wire Return Loss
200 Hz to 3.4 kHz
30
35
dB
Transhybrid Balance
300 Hz to 3.4 kHz
30
dB
Noise Performance
Idle Channel Noise4
C-Message Weighted
15
dBrnC
Psophometric Weighted
–75
dBmP
3 kHz flat
18
dBrn
PSRR from VDDA
RX and TX, DC to 3.4 kHz
40
dB
PSRR from VDDD
RX and TX, DC to 3.4 kHz
40
dB
PSRR from VBAT
RX and TX, DC to 3.4 kHz
40
dB
Longitudinal Performance
Longitudinal to Metallic
or PCM Balance
200 Hz to 3.4 kHz,
Q1,Q2
150, 1% mismatch
56
60
dB
Q1,Q2  60 to 240
5
43
60
dB
Q1,Q2  300 to 800
5
53
60
dB
Using Si3201
53
60
dB
Metallic to Longitudinal Balance
200 Hz to 3.4 kHz
40
dB
Longitudinal Impedance
200 Hz to 3.4 kHz at TIP or
RING
Register selectable
ETBO/ETBA
00
01
10
33
17
17
Longitudinal Current per Pin
Active off-hook
200 Hz to 3.4 kHz
Register selectable
ETBO/ETBA
00
01
10
4
8
12
mA
mA
mA
Notes:
1. The input signal level should be 0 dBm0 for frequencies greater than 100 Hz. For 100 Hz and below, the level should
be
–10 dBm0. The output signal magnitude at any other frequency will be smaller than the maximum value specified.
2. Analog signal measured as VTIP – VRING. Assumes ideal line impedance matching.
3. The quantization errors inherent in the µ/A-law companding process can generate slightly worse gain tracking
performance in the signal range of 3 to –37 dB for signal frequencies that are integer divisors of the 8 kHz PCM
sampling rate.
4. The level of any unwanted tones within the bandwidth of 0 to 4 kHz does not exceed –55 dBm.
5. Assumes normal distribution of betas.
Table 3. AC Characteristics (Continued)
(VDDA, VDDD = 3.13 to 5.25 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade)
Parameter
Test Condition
Min
Typ
Max
Unit


Similar Part No. - SI3210-E-FM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3210-BT ETC-SI3210-BT Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3210-FTR SILABS-SI3210-FTR Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
List of Unclassifed Man...
SI3210-KT ETC-SI3210-KT Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
More results

Similar Description - SI3210-E-FM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809-1 LINER-LTC3809-1 Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
logo
Analog Devices
ADP1829 AD-ADP1829 Datasheet
691Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. 0
ADP1823 AD-ADP1823 Datasheet
676Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. A
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
logo
Maxim Integrated Produc...
MAX20800 MAXIM-MAX20800_V01 Datasheet
1,010Kb / 9P
   MPP Tracking DC-DC Converter
19-8575; Rev 4; 2/18
logo
Linear Technology
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
logo
Analog Devices
ADP1822 AD-ADP1822_15 Datasheet
363Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. D
ADP1822 AD-ADP1822 Datasheet
447Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com