Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB162D0225 Datasheet(PDF) 7 Page - AVX Corporation

Part # CB162D0225
Description  Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CB162D0225 Datasheet(HTML) 7 Page - AVX Corporation

Back Button CB162D0225 Datasheet HTML 2Page - AVX Corporation CB162D0225 Datasheet HTML 3Page - AVX Corporation CB162D0225 Datasheet HTML 4Page - AVX Corporation CB162D0225 Datasheet HTML 5Page - AVX Corporation CB162D0225 Datasheet HTML 6Page - AVX Corporation CB162D0225 Datasheet HTML 7Page - AVX Corporation CB162D0225 Datasheet HTML 8Page - AVX Corporation CB162D0225 Datasheet HTML 9Page - AVX Corporation CB162D0225 Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
16
Film Chip Capacitors
PET-HT DIELECTRIC – CB Series
ELECTRICAL CHARACTERISTICS VERSUS TEMPERATURE AND FREQUENCY
ELECTRICAL CHARACTERISTICS
10
8
6
4
2
0
-2
-4
-6
-8
C/C vs TEMPERATURE
Temperature
-55˚C
-30˚C
-5˚C
+20˚C +45˚C +70˚C +95˚C +120˚C
10000.0
1000.0
100.0
10.0
1.0
0.1
Temperature
IR vs TEMPERATURE
100nF
-55˚C
-30˚C
-5˚C
+20˚C +45˚C +70˚C +95˚C +120˚C
160
140
120
100
80
60
40
20
0
DC/C = (temperature)
Temperature
DF (1kHz) vs TEMPERATURE
-55˚C
-30˚C
-5˚C
+20˚C +45˚C +70˚C +95˚C +120˚C
Capacitance
Dissipation Factor
Insulation Resistance
FREQUENCY CHARACTERISTICS
4
3
2
1
0
-1
-2
-3
-4
-5
0.1
1
10
100
1000
C/C 20
°C (%)
FREQUENCY (kHz)
1000.00
100.00
10.00
1.00
1.00
10.00
FREQUENCY (MHz)
Z (mOhm)
1µF
470 nF
220 nF
47 nF
100 nF
4.7µF
400
300
200
100
0
10
100
1000
1
0.1
DF 20
°C (10 )
-4
FREQUENCY (kHz)
Capacitance
Dissipation Factor
Impedance


Similar Part No. - CB162D0225

ManufacturerPart #DatasheetDescription
logo
Altech corporation
CB16 ALTECH-CB16 Datasheet
103Kb / 1P
   HIGH TEMPERATURE CERAMIC EUROBLOCKS
CB16/2H ALTECH-CB16/2H Datasheet
103Kb / 1P
   HIGH TEMPERATURE CERAMIC EUROBLOCKS
CB16/3H ALTECH-CB16/3H Datasheet
103Kb / 1P
   HIGH TEMPERATURE CERAMIC EUROBLOCKS
logo
SAMWHA ELECTRIC
CB1608GA100 SAMWHA-CB1608GA100 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1608GA102 SAMWHA-CB1608GA102 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results

Similar Description - CB162D0225

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB037E0104JBA AVX-CB037E0104JBA Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
logo
Cornell Dubilier Electr...
225K100RA3-FA CDE-225K100RA3-FA Datasheet
220Kb / 4P
   Radial PET Film Capacitors
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
   SURFACE MOUNT FILM PET HIGH CV
logo
FERYSTER Inductive Comp...
ETD39-K-V-16P FERYSTER-ETD39-K-V-16P Datasheet
127Kb / 1P
   PET FR530
logo
World Produts Inc.
PCPW223 WPI-PCPW223 Datasheet
192Kb / 6P
   Low inductive wound cell of metalized(PET) film
logo
List of Unclassifed Man...
FKS2D011001A00JSSD ETC1-FKS2D011001A00JSSD Datasheet
277Kb / 7P
   Polyester (PET) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
logo
FERYSTER Inductive Comp...
ETD29-K-H-5-08 FERYSTER-ETD29-K-H-5-08 Datasheet
141Kb / 1P
   PET FR530
logo
AVX Corporation
CB037D0224JBA AVX-CB037D0224JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
CB018B0102 AVX-CB018B0102 Datasheet
371Kb / 8P
   Film Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com